| Electronic Components Datasheet Search |
|
R8C18 Datasheet(PDF) 89 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C18 Datasheet(HTML) 89 Page - Renesas Technology Corp |
|
89 / 257 page ![]() R8C/18 Group, R8C/19 Group 12. Interrupts Rev.1.30 Apr 14, 2006 Page 74 of 233 REJ09B0222-0130 12.1.3 Special Interrupts Special interrupts are non-maskable. 12.1.3.1 Watchdog Timer Interrupt The watchdog timer interrupt is generated by the watchdog timer. Reset the watchdog timer after the watchdog timer interrupt is generated. For details, refer to 13. Watchdog Timer. 12.1.3.2 Oscillation Stop Detection Interrupt The oscillation stop detection interrupt is generated by the oscillation stop detection function. For details of the oscillation stop detection function, refer to 10. Clock Generation Circuit. 12.1.3.3 Voltage Monitor 2 Interrupt The voltage monitor 2 interrupt is generated by the voltage detection circuit. For details of the voltage detection circuit, refer to 7. Voltage Detection Circuit. 12.1.3.4 Single-Step Interrupt, and Address Break Interrupt Do not use these interrupts. They are for use by development tools only. 12.1.3.5 Address Match Interrupt The address match interrupt is generated immediately before executing an instruction that is stored at an address indicated by registers RMAD0 to RMAD1 when the AIER0 or AIER1 bit in the AIER register is set to 1 (address match interrupt enable). For details of the address match interrupt, refer to 12.4 Address Match Interrupt. 12.1.4 Peripheral Function Interrupt The peripheral function interrupt is generated by the internal peripheral function of the MCU and is a maskable interrupt. Refer to Table 12.2 Relocatable Vector Tables for sources of the peripheral function interrupt. For details of peripheral functions, refer to the descriptions of individual peripheral functions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |