Electronic Components Datasheet Search
  English  ▼

X  

R8C18 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R8C18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C18 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R8C18 Datasheet HTML 81Page - Renesas Technology Corp R8C18 Datasheet HTML 82Page - Renesas Technology Corp R8C18 Datasheet HTML 83Page - Renesas Technology Corp R8C18 Datasheet HTML 84Page - Renesas Technology Corp R8C18 Datasheet HTML 85Page - Renesas Technology Corp R8C18 Datasheet HTML 86Page - Renesas Technology Corp R8C18 Datasheet HTML 87Page - Renesas Technology Corp R8C18 Datasheet HTML 88Page - Renesas Technology Corp R8C18 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 257 page
background image
R8C/18 Group, R8C/19 Group
10. Clock Generation Circuit
Rev.1.30
Apr 14, 2006
Page 70 of 233
REJ09B0222-0130
10.6
Notes on Clock Generation Circuit
10.6.1
Stop Mode and Wait Mode
When entering stop mode or wait mode, an instruction queue pre-reads 4 bytes from the WAIT
instruction or an instruction that sets the CM10 bit in the CM1 register to 1 (stops all clocks) before the
program stops. Therefore, insert at least four NOPs after the WAIT instruction or an instruction that
sets the CM10 bit to 1.
10.6.2
Oscillation Stop Detection Function
Since the oscillation stop detection function cannot be used if the main clock frequency is below 2
MHz, set bits OCD1 to OCD0 to 00b (oscillation stop detection function disabled) in this case.
10.6.3
Oscillation Circuit Constants
Ask the manufacturer of the oscillator to specify the best oscillation circuit constants for your system.
10.6.4
High-Speed On-Chip Oscillator Clock
The high-speed on-chip oscillator frequency may be changed up to 10%(1) in flash memory CPU
rewrite mode during auto-program operation or auto-erase operation.
The high-speed on-chip oscillator frequency after auto-program operation ends or auto-erase
operation ends is held the state before the program command or block erase command is generated.
Also, this note is not applicable when the read array command, read status register command, or
clear status register command is generated. The application products must be designed with careful
considerations for the frequency change.
NOTE:
1. Change ratio to 8 MHz frequency adjusted in shipping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com