Electronic Components Datasheet Search
  English  ▼

X  

M30245 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # M30245
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30245 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button M30245 Datasheet HTML 51Page - Renesas Technology Corp M30245 Datasheet HTML 52Page - Renesas Technology Corp M30245 Datasheet HTML 53Page - Renesas Technology Corp M30245 Datasheet HTML 54Page - Renesas Technology Corp M30245 Datasheet HTML 55Page - Renesas Technology Corp M30245 Datasheet HTML 56Page - Renesas Technology Corp M30245 Datasheet HTML 57Page - Renesas Technology Corp M30245 Datasheet HTML 58Page - Renesas Technology Corp M30245 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 367 page
background image
Rev.2.00 Oct 16, 2006
page 46 of 354
REJ09B0340-0200
M30245 Group
2. Clock-Synchronous Serial I/O
D0 D1 D2 D3
D4 D5 D6
D7
D0 D1
D2 D3 D4 D5 D6 D7
TCLK
Stopped pulsing because
transfer enable bit = “0”
Tc = TCLK = 2(n + 1) / fi
fi: frequency of BRGi count source (f1, f8, f32)
n: value set to BRGi
Transfer clock
Transmit
enable bit (TE)
Transmit
buffer empty
flag (Tl)
CLKi
TxDi
Transmit register
empty flag
(TXEPT)
“H”
“L”
“0”
“1”
“0”
“1”
“0”
“1”
CTSi
Transmit
interrupt request
bit (IR)
“0”
“1”
Cleared to “0” when interrupt request is accepted, or cleared by software
D0 D1
D2 D3
D4 D5 D6
D7
(1) Transmission enabled
(2) Confirming CTS
(3) Start transmission Tc
(4) Transmission is complete
(5) Transmit next data
Data is set to UARTi transmit buffer register
Stopped pulsing because CTSi = “H”
Shown in ( ) are bit symbols.
The above timing applies to the following settings:
• Internal clock is selected.
• CTS function is selected.
• CLK polarity select bit = “0”.
• Transmit interrupt cause select bit = “0”.
Transferred from UARTi transmit buffer register to UARTi transmit register
Example of wiring
CLKi
TXDi
CTSi
CLK
RXD
Port
Microcomputer
Receiver side IC
(Note)
Note : Since TXD2 pin is N-channel open drain,
this pin needs pull-up resistance.
Figure 2.3.5. Operation timing of transmission in clock-synchronous serial I/O mode
Example of operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com