Electronic Components Datasheet Search
  English  ▼

X  

M30245 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M30245
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30245 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M30245 Datasheet HTML 93Page - Renesas Technology Corp M30245 Datasheet HTML 94Page - Renesas Technology Corp M30245 Datasheet HTML 95Page - Renesas Technology Corp M30245 Datasheet HTML 96Page - Renesas Technology Corp M30245 Datasheet HTML 97Page - Renesas Technology Corp M30245 Datasheet HTML 98Page - Renesas Technology Corp M30245 Datasheet HTML 99Page - Renesas Technology Corp M30245 Datasheet HTML 100Page - Renesas Technology Corp M30245 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 367 page
background image
Rev.2.00 Oct 16, 2006
page 88 of 354
REJ09B0340-0200
M30245 Group
2. Serial Interface Special Function
Figure 2.5.2. Serial interface special function-related registers (1)
RW
b7
b0
b15
(b7)
b8
(b0)
UARTi transmit buffer register (i= 0 to 3) (Note)
Symbol
Address
When reset
U0TB
03AB16, 03AA16
Indeterminate
U1TB
036B16, 036A16
Indeterminate
U2TB
033B16, 033A16
Indeterminate
U3TB
032B16, 032A16
Indeterminate
Bit Symbol
Function
(clock synchronous serial I/O mode)
Function
(UART mode)
Transmit data
Transmit data
Transmit data (9th bit)
Nothing is assigned. Write “0” when writing to these bits.
The values are indeterminate when read.
Note: Use MOV instruction to write to this register.
RW
ABT
OER
FER
SUM
PER
Note 1: Always write “0”.
Note 2: Bits 15 to 12 are set to “00002” when the serial I/O mode select bit (bits 0 to 2 at
addresses 03A816, 036816, 033816, 032816) are set to “0002” or the receive enable
bit is set to “0”. Bit 15 is set to “0” when all of bits 14 to 12 are set to “0”.
Bits 14 and 13 are also set to “0” when the lower byte of the UARTi receive buffer
register (addresses 03AE16, 036E16, 033E16, 032E16) is read.
Nothing is assigned. Write “0” when writing to these bits.
The values are indeterminate when read.
Arbitration lost
detecting flag (Note 1)
Overrun error flag
(Note 2)
Framing error flag
(Note 2)
Parity error flag
(Note 2)
Error sum flag
(Note 2)
0 : No error
1 : Error
0 : No parity error
1 : Parity error
0 : No framing error
1 : Framing error
0 : No overrun error
1 : Overrun error
Invalid
Invalid
Invalid
Invalid
0 : No overrun error
1 : Overrun error
0 : Not detected
1 : Detected
Receive data
Receive data
Receive data (9th bit)
b7
b0
b15
(b7)
b8
(b0)
UARTi receive buffer register (i= 0 to 3)
Symbol
Address
When reset
U0RB
03AF16, 03AE16
Indeterminate
U1RB
036F16, 036E16
Indeterminate
U2RB
033F16, 033E16
Indeterminate
U3RB
032F16, 032E16
Indeterminate
Bit Symbol
Function
(clock synchronous
serial I/O mode)
Function
(UART mode)
Bit Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com