Electronic Components Datasheet Search
  English  ▼

X  

M30245 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M30245
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30245 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M30245 Datasheet HTML 28Page - Renesas Technology Corp M30245 Datasheet HTML 29Page - Renesas Technology Corp M30245 Datasheet HTML 30Page - Renesas Technology Corp M30245 Datasheet HTML 31Page - Renesas Technology Corp M30245 Datasheet HTML 32Page - Renesas Technology Corp M30245 Datasheet HTML 33Page - Renesas Technology Corp M30245 Datasheet HTML 34Page - Renesas Technology Corp M30245 Datasheet HTML 35Page - Renesas Technology Corp M30245 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 367 page
background image
Rev.2.00 Oct 16, 2006
page 23 of 354
REJ09B0340-0200
M30245 Group
2. Timer A
Figure 2.2.17. Set-up procedure of two-phase pulse signal process in event counter mode, normal mode selected
Setting divide ratio
Can be set to 000016 to FFFF16
b7
b0
(b15)
(b8)
b7
b0
Start count
Selecting event counter mode and functions
1 (Must always be “1” when using two-phase pulse signal processing)
Selection of event counter mode
Two-phase pulse signal processing operation select bit
0 : Normal processing operation
Count operation type select bit (Note 1)
1 : Free-run type
0 (Must always be “0” when using two-phase pulse signal processing)
0 (Must always be “0” when using two-phase pulse signal processing)
b7
b0
01
01
0
01
Two-phase pulse signal processing select bit
b7
b0
Up/down flag [Address 038416]
UDF
Timer A2 two-phase pulse signal processing select bit
1 : Two-phase pulse signal processing enabled
Timer A3 two-phase pulse signal processing select bit
1 : Two-phase pulse signal processing enabled
Setting count start flag
Timer A2 count start flag
Timer A3 count start flag
b7
b0
Setting trigger select register
b7
b0
Trigger select register [Address 038316]
TRGSR
Timer A2 event/trigger select bit
b3 b2
0 0 : Input on TA2IN is selected (Note 2)
Timer A3 event/trigger select bit
b5 b4
0 0 : Input on TA3IN is selected (Note 2)
Note 2: Set the corresponding port direction register to “0”.
0 (Must always be “0” when using two-phase pulse signal processing)
0
Note 1: First set to “Reload type” operation. Once the first counting pulse has occurred,
the timer may be changed to “Free-Run type”.
Timer Ai mode register (i=2, 3) [Address 039816, 039916]
TAiMR (i=2, 3)
Timer A2 register [Address 038B16, 038A16]TA2
Timer A3 register [Address 038D16, 038C16]TA3
Count start flag [Address 038016]
TABSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com