Electronic Components Datasheet Search
  English  ▼

X  

M30245 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M30245
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30245 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M30245 Datasheet HTML 9Page - Renesas Technology Corp M30245 Datasheet HTML 10Page - Renesas Technology Corp M30245 Datasheet HTML 11Page - Renesas Technology Corp M30245 Datasheet HTML 12Page - Renesas Technology Corp M30245 Datasheet HTML 13Page - Renesas Technology Corp M30245 Datasheet HTML 14Page - Renesas Technology Corp M30245 Datasheet HTML 15Page - Renesas Technology Corp M30245 Datasheet HTML 16Page - Renesas Technology Corp M30245 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 367 page
background image
Rev.2.00 Oct 16, 2006
page 4 of 354
REJ09B0340-0200
M30245 Group
2. Protect
2.1.1 Overview
'Protect' is a function that causes a value held in a register to be unchanged even when a program runs
away. The following is an overview of the protect function:
(1) Registers affected by the protect function
The registers affected by the protect function are:
(a) System clock control registers 0, 1 (addresses 000616 and 000716)
(b) Processor mode registers 0, 1 (addresses 000416 and 000516)
(c) Frequency synthesizer-related registers (address 03DB16 to 03DF16)
The values in registers (a) through (c) cannot be changed in write-protect state. To change values in
the registers, put the individual registers in write-enabled state.
(2) Protect register
Figure 2.1.1 shows protect register.
2.1 Protect
Figure 2.1.1. Protect register
Protect register
Symbol
Address
When reset
PRCR
000A16
XXXXX0002
Bit name
Bit symbol
b7
b6
b5
b4
b3
b2 b1
b0
0 : Write-inhibited
1 : Write-enabled
PRC1
PRC0
Function
W
R
Nothing is assigned.
When write, set “0”. When read, their contents are indeterminate.
0
Enables writing to system clock
control registers 0 and 1 (addresses
000616 and 000716) and frequency
synthesizer registers (addresses
03DB16 to 03DF16)
Enables writing to processor mode
registers 0 and 1 (addresses 000416
and 000516)
Reserved
Must always be set to “0”
0 : Write-inhibited
1 : Write-enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com