Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 344Page - Renesas Technology Corp SH7016 Datasheet HTML 345Page - Renesas Technology Corp SH7016 Datasheet HTML 346Page - Renesas Technology Corp SH7016 Datasheet HTML 347Page - Renesas Technology Corp SH7016 Datasheet HTML 348Page - Renesas Technology Corp SH7016 Datasheet HTML 349Page - Renesas Technology Corp SH7016 Datasheet HTML 350Page - Renesas Technology Corp SH7016 Datasheet HTML 351Page - Renesas Technology Corp SH7016 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 314 of 716
REJ09B0398-0500
Bit 4
⎯Receive Enable (RE): Enables or disables the SCI serial receiver.
Bit 4
RE
Description
0
Receiver disabled*
1
(initial value)
1
Receiver enabled*
2
Notes: 1. Clearing RE to 0 does not affect the receive flags (RDRF, FER, PER, ORER). These
flags retain their previous values.
2. Serial reception starts when a start bit is detected in the asynchronous mode, or
synchronous clock input is detected in the clock synchronous mode. Select the receive
format in the SMR before setting RE to 1.
Bit 3
⎯Multiprocessor Interrupt Enable (MPIE): Enables or disables multiprocessor interrupts.
The MPIE setting is used only in the asynchronous mode, and only if the multiprocessor mode bit
(MP) in the serial mode register (SMR) is set to 1 during reception. The MPIE setting is ignored in
the clock synchronous mode or when the MP bit is cleared to 0.
Bit 3
MPIE
Description
0
Multiprocessor interrupts are disabled (normal receive operation)
(initial value)
MPIE is cleared when the MPIE bit is cleared to 0, or the multiprocessor
bit (MPB) is set to 1 in receive data.
1
Multiprocessor interrupts are enabled*
Receive-data-full interrupt requests (RXI), receive-error interrupt
requests (ERI), and setting of the RDRF, FER, and ORER status flags
in the serial status register (SSR) are disabled until data with the
multiprocessor bit set to 1 is received.
Note:
*
The SCI does not transfer receive data from the RSR to the RDR, does not detect
receive errors, and does not set the RDRF, FER, and ORER flags in the serial status
register (SSR). When it receives data that includes MPB = 1, MPB is set to 1, and the
SCI automatically clears MPIE to 0, generates RXI and ERI interrupts (if the TIE and
RIE bits in the SCR are set to 1), and allows the FER and ORER bits to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com