Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 16Page - Renesas Technology Corp SH7016 Datasheet HTML 17Page - Renesas Technology Corp SH7016 Datasheet HTML 18Page - Renesas Technology Corp SH7016 Datasheet HTML 19Page - Renesas Technology Corp SH7016 Datasheet HTML 20Page - Renesas Technology Corp SH7016 Datasheet HTML 21Page - Renesas Technology Corp SH7016 Datasheet HTML 22Page - Renesas Technology Corp SH7016 Datasheet HTML 23Page - Renesas Technology Corp SH7016 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 754 page
background image
Rev.5.00 Sep. 27, 2007 Page xx of xxxiv
REJ09B0398-0500
Item
Page
Revision (See Manual for Details)
22.3.5 Multifunction
Timer Pulse Unit Timing
Table 22.9
Multifunction Timer
Pulse Unit Timing
581
Description amended
Conditions: V
CC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%, AVCC = VCC
±10%, V
SS = AVSS = 0 V, Ta = – 20 to +75°C
22.3.6 I/O Port Timing
Table 22.10 I/O Port
Timing
582
Description amended
Conditions: V
CC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%, AVCC = VCC
±10%, V
SS =AVSS = 0 V, Ta = – 20 to +75°C
22.3.7 Watchdog Timer
Timing
Table 22.11 Watchdog
Timer Timing
583
Description amended
Conditions: V
CC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%, AVCC = VCC
±10%, V
SS = AVSS = 0 V, Ta = – 20 to +75°C
22.3.8 Serial
Communication
Interface Timing
Table 22.12 Serial
Communication
Interface Timing
583
Description amended
Conditions: V
CC = 5.0 V ± 10%, AVCC = 5.0 V ± 10%, AVCC= VCC
±10%, V
SS = AVSS = 0 V, Ta = – 20 to +75°C
A.2 Functions
600 to
681
Newly added
Appendix B. I/O Port
Block Diagrams
Figure B.5
PAn/TCLKm/
IRQx Block Diagram
(SH7014, Mask)
686
Title amended
706
Title and table amended
Pin Function
Class
Pin Name
Data bus
D0 to D15
C.1 Pin States
Table C.1 Pin States in
Reset, and Power-Down
Modes
SCI
SCK0, SCK1
TXD0, TXD1
RXD0, RXD1
All trademarks and registered trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com