Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 53Page - Renesas Technology Corp SH7016 Datasheet HTML 54Page - Renesas Technology Corp SH7016 Datasheet HTML 55Page - Renesas Technology Corp SH7016 Datasheet HTML 56Page - Renesas Technology Corp SH7016 Datasheet HTML 57Page - Renesas Technology Corp SH7016 Datasheet HTML 58Page - Renesas Technology Corp SH7016 Datasheet HTML 59Page - Renesas Technology Corp SH7016 Datasheet HTML 60Page - Renesas Technology Corp SH7016 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 754 page
background image
2. CPU
Rev.5.00 Sep. 27, 2007 Page 23 of 716
REJ09B0398-0500
Word or longword immediate data is not located in the instruction code, but instead is stored in a
memory table. An immediate data transfer instruction (MOV) accesses the memory table using the
PC relative addressing mode with displacement.
2.3
Instruction Features
2.3.1
RISC-Type Instruction Set
All instructions are RISC type. This section details their functions.
16-Bit Fixed Length: All instructions are 16 bits long, increasing program code efficiency.
One Instruction per Cycle: The microprocessor can execute basic instructions in one cycle using
the pipeline system. Instructions are executed in 35 ns at 28.7 MHz.
Data Length: Longword is the standard data length for all operations. Memory can be accessed in
bytes, words, or longwords. Byte or word data accessed from memory is sign-extended and
handled as longword data. Immediate data is sign-extended for arithmetic operations or zero-
extended for logic operations. It also is handled as longword data (table 2.2).
Table 2.2
Sign Extension of Word Data
SH7014/16/17 CPU
Description
Example of Conventional CPU
MOV.W
@(disp,PC),R1
ADD
R1,R0
··········
.DATA.W
H'1234
Data is sign-extended to 32
bits, and R1 becomes
H'00001234. It is next
operated upon by an ADD
instruction.
ADD.W
#H'1234,R0
Note:
@(disp, PC) accesses the immediate data.
Load-Store Architecture: Basic operations are executed between registers. For operations that
involve memory access, data is loaded to the registers and executed (load-store architecture).
Instructions such as AND that manipulate bits, however, are executed directly in memory.
Delayed Branch Instructions: Unconditional branch instructions are delayed. Executing the
instruction that follows the branch instruction and then branching reduces pipeline disruption
during branching (table 2.3). There are two types of conditional branch instructions: delayed
branch instructions and ordinary branch instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com