Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 14Page - Renesas Technology Corp SH7016 Datasheet HTML 15Page - Renesas Technology Corp SH7016 Datasheet HTML 16Page - Renesas Technology Corp SH7016 Datasheet HTML 17Page - Renesas Technology Corp SH7016 Datasheet HTML 18Page - Renesas Technology Corp SH7016 Datasheet HTML 19Page - Renesas Technology Corp SH7016 Datasheet HTML 20Page - Renesas Technology Corp SH7016 Datasheet HTML 21Page - Renesas Technology Corp SH7016 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 754 page
background image
Rev.5.00 Sep. 27, 2007 Page xviii of xxxiv
REJ09B0398-0500
Item
Page
Revision (See Manual for Details)
18.5.4 RAM Emulation
Register (RAMER)
503
Description amended
RAMER specifies the area of flash memory to be overlapped
with part of RAM when emulating real-time flash memory
programming. RAMER is initialized to H'0000 by a reset and in
hardware standby mode. It is not initialized in software standby
mode. RAMER settings should be made in user mode or user
program mode.
18.7.2 Program-Verify
Mode
Figure 18.13 Program/
Program-Verify
Flowchart
512
Figure amended and note 5 added
Set SWE-bit of FLMCR1
Wait 10
μs
n = 1
m = 0
Successively write 32-byte data in rewrite data
area in RAM to flash memory
Enable WDT
Set PSU bit in FLMCR1(2)
Wait 50
μs
Set PSU bit in FLMCR1(2)
Wait 200
μs
Write start
Set PSU bit in FLMCR1(2)
Wait 10
μs
Wait 10
μs
NG
NG
NG
NG
OK
OK
OK
Wait
4 μs
Wait 2
μs
*4
*2
*3
Store 32 bytes write data in write
data area and rewrite data area
*4
*5
*5
*5
*5
*5
*5
*5
*5
*5
*1
Wait 4
μs
Set PSU bit in FLMCR1(2)
Disable WDT
Set PSU bit in FLMCR1(2)
Perform dummy-write of H'FF to verify address
Set PSU bit in FLMCR1(2)
Clear SWE bit of FLMCR1
m = 1
Write end
Write data = Verify data?
32 byte data
verify complete?
m = 0?
Increment address
OK
Clear SWE bit of FLMCR1
n
≥ 1000?
n
← n + 1
Start
Transfer rewrite data to rewrite data area
Write end
Write failure
Read verify data
*3
Operate rewrite data
Note:
5. Set the values of x, y, z,
α, β, γ, ε, η, and N to match
the characteristics of the memory device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com