Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 78Page - Renesas Technology Corp SH7016 Datasheet HTML 79Page - Renesas Technology Corp SH7016 Datasheet HTML 80Page - Renesas Technology Corp SH7016 Datasheet HTML 81Page - Renesas Technology Corp SH7016 Datasheet HTML 82Page - Renesas Technology Corp SH7016 Datasheet HTML 83Page - Renesas Technology Corp SH7016 Datasheet HTML 84Page - Renesas Technology Corp SH7016 Datasheet HTML 85Page - Renesas Technology Corp SH7016 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 754 page
background image
2. CPU
Rev.5.00 Sep. 27, 2007 Page 48 of 716
REJ09B0398-0500
Reset State: The CPU resets in the reset state. When the
RES pin level goes low, a power-on reset
results.
Exception Processing State: The exception processing state is a transient state that occurs when
exception processing sources such as resets or interrupts alter the CPU's processing state flow.
For a reset, the initial values of the program counter (PC) (execution start address) and stack
pointer (SP) are fetched from the exception processing vector table and stored; the CPU then
branches to the execution start address and execution of the program begins.
For an interrupt, the stack pointer (SP) is accessed and the program counter (PC) and status
register (SR) are saved to the stack area. The exception service routine start address is fetched
from the exception processing vector table; the CPU then branches to that address and the program
starts executing, thereby entering the program execution state.
Program Execution State: In the program execution state, the CPU sequentially executes the
program.
Power-Down State: In the power-down state, the CPU operation halts and power consumption
declines. The SLEEP instruction places the CPU in the power-down state. This state has two
modes: sleep mode and standby mode.
2.5.2
Power-Down State
Besides the ordinary program execution states, the CPU also has a power-down state in which
CPU operation halts, lowering power consumption. There are two power-down state modes: sleep
mode and standby mode.
Sleep Mode: When standby bit SBY (in the standby control register SBYCR) is cleared to 0 and a
SLEEP instruction executed, the CPU moves from program execution state to sleep mode. In the
sleep mode, the CPU halts and the contents of its internal registers and the data in on-chip cache
(or on-chip RAM) is maintained. The on-chip peripheral modules other than the CPU do not halt
in the sleep mode.
To return from sleep mode, use a power-on reset, any interrupt, or a DMA address error; the CPU
returns to the ordinary program execution state through the exception processing state.
Standby Mode: To enter the standby mode, set the standby bit SBY (in the standby control
register SBYCR) to 1 and execute a SLEEP instruction. In standby mode, all CPU, on-chip
peripheral module, and oscillator functions are halted. However, when entering standby mode, the
DMA master enable bit of the DMAC should be set to 0. If multiplication-related instructions are
being executed at the time of entry into standby mode, the values of MACH and MACL will
become undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com