Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 44Page - Renesas Technology Corp SH7016 Datasheet HTML 45Page - Renesas Technology Corp SH7016 Datasheet HTML 46Page - Renesas Technology Corp SH7016 Datasheet HTML 47Page - Renesas Technology Corp SH7016 Datasheet HTML 48Page - Renesas Technology Corp SH7016 Datasheet HTML 49Page - Renesas Technology Corp SH7016 Datasheet HTML 50Page - Renesas Technology Corp SH7016 Datasheet HTML 51Page - Renesas Technology Corp SH7016 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 754 page
background image
1. SH7014/16/17 Overview
Rev.5.00 Sep. 27, 2007 Page 14 of 716
REJ09B0398-0500
1.3.3
Pin Functions
Table 1.2 lists the pin functions.
Table 1.2
Pin Functions
Classification
Symbol
I/O
Name
Function
Power supply
V
CC
I
Supply
Connects to power supply.
Connect all V
CC pins to the system
supply. No operation will occur if
there are any open pins.
V
SS
I
Ground
Connects to ground.
Connect all V
SS pins to the system
ground. No operation will occur if
there are any open pins.
Clock
PLLV
CC
I
PLL supply
On-chip PLL oscillator supply.
PLLV
SS
I
PLL ground
On-chip PLL oscillator ground.
PLLCAP
I
PLL capacitance
On-chip PLL oscillator external
capacitance connection pin.
EXTAL
I
External clock
Connect a crystal oscillator. Also, an
external clock can be input to the
EXTAL pin.
XTAL
I
Crystal
Connect a crystal oscillator.
CK
O
System clock
Supplies the system clock to
peripheral devices.
System control
RES
I
Power-on reset
Power-on reset when low
WDTOVF
O
Watchdog timer
overflow
Overflow output signal from WDT
Operating mode
control
MD0 to MD3
I
Mode set
Determines the operating mode. Do
not change input value during
operation.
FWP
I
Flash memory
write protect
Protects flash memory from being
written or deleted.
Interrupts
NMI
I
Non-maskable
interrupt
Non-maskable interrupt request pin.
Enables selection of whether to
accept on the rising or falling edge.
IRQ0 to
IRQ3,
IRQ6, IRQ7
I
Interrupt requests
0 to 3, 6,7
Maskable interrupt request pins.
Allows selection of level input and
edge input.
Address bus
A0 to A21
O
Address bus
Outputs addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com