Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 98Page - Renesas Technology Corp SH7016 Datasheet HTML 99Page - Renesas Technology Corp SH7016 Datasheet HTML 100Page - Renesas Technology Corp SH7016 Datasheet HTML 101Page - Renesas Technology Corp SH7016 Datasheet HTML 102Page - Renesas Technology Corp SH7016 Datasheet HTML 103Page - Renesas Technology Corp SH7016 Datasheet HTML 104Page - Renesas Technology Corp SH7016 Datasheet HTML 105Page - Renesas Technology Corp SH7016 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 754 page
background image
5. Exception Processing
Rev.5.00 Sep. 27, 2007 Page 68 of 716
REJ09B0398-0500
5.5.3
Illegal Slot Instructions
An instruction placed immediately after a delayed branch instruction is said to be placed in a delay
slot. When the instruction placed in the delay slot is undefined code, illegal slot exception
processing starts up when that undefined code is decoded. Illegal slot exception processing also
starts up when an instruction that rewrites the program counter (PC) is placed in a delay slot. The
processing starts when the instruction is decoded. The CPU handles an illegal slot instruction as
follows:
1. The status register (SR) is saved to the stack.
2. The program counter (PC) is saved to the stack. The PC value saved is the jump address of the
delayed branch instruction immediately before the undefined code or the instruction that
rewrites the PC.
3. The exception service routine start address is fetched from the exception processing vector
table that corresponds to the exception that occurred. That address is jumped to and the
program starts executing. The jump that occurs is not a delayed branch.
5.5.4
General Illegal Instructions
When undefined code placed anywhere other than immediately after a delayed branch instruction
(i.e., in a delay slot) is decoded, general illegal instruction exception processing starts up. The
CPU handles general illegal instructions the same as illegal slot instructions. Unlike processing of
illegal slot instructions, however, the program counter value stored is the start address of the
undefined code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com