Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 112Page - Renesas Technology Corp SH7016 Datasheet HTML 113Page - Renesas Technology Corp SH7016 Datasheet HTML 114Page - Renesas Technology Corp SH7016 Datasheet HTML 115Page - Renesas Technology Corp SH7016 Datasheet HTML 116Page - Renesas Technology Corp SH7016 Datasheet HTML 117Page - Renesas Technology Corp SH7016 Datasheet HTML 118Page - Renesas Technology Corp SH7016 Datasheet HTML 119Page - Renesas Technology Corp SH7016 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 754 page
background image
6. Interrupt Controller (INTC)
Rev.5.00 Sep. 27, 2007 Page 82 of 716
REJ09B0398-0500
As indicated in table 6.4, four
IRQ pins or groups of 4 on-chip peripheral modules are allocated to
each register. Each of the corresponding interrupt priority ranks are established by setting a value
from H'0 (0000) to H'F (1111) in each of the four-bit groups 15 to 12, 11 to 8, 7 to 4 and 3 to 0.
Interrupt priority rank becomes level 0 (lowest) by setting H'0, and level 15 (highest) by setting
H'F. If multiple on-chip peripheral modules are assigned to WDT and BSC, those multiple
modules are set to the same priority rank.
IPRA to IPRH are initialized to H'0000 by a power-on reset. They are not initialized in standby
mode.
6.3.2
Interrupt Control Register (ICR)
The ICR is a 16-bit register that sets the input signal detection mode of the external interrupt input
pin NMI and
IRQ0 to IRQ3, IRQ6, IRQ7 and indicates the input signal level to the NMI pin. It is
initialized by power-on reset, but is not initialized by standby mode.
Bit:
15
14
13
12
11
10
9
8
NMIL
⎯
⎯
⎯
⎯
⎯
⎯
NMIE
Initial value:
*
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R/W
Bit:
7
6
5
4
3
2
1
0
IRQ0S
IRQ1S
IRQ2S
IRQ3S
⎯
⎯
IRQ6S
IRQ7S
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Note:
*
When NMI input is high: 1; when NMI input is low: 0
Bit 15
⎯NMI Input Level (NMIL): Sets the level of the signal input at the NMI pin. This bit can
be read to determine the NMI pin level. This bit cannot be modified.
Bit 15
NMIL
Description
0
NMI input level is low
1
NMI input level is high
Bits 14 to 9, 3, 2
⎯Reserved: These bits always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com