Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 152Page - Renesas Technology Corp SH7016 Datasheet HTML 153Page - Renesas Technology Corp SH7016 Datasheet HTML 154Page - Renesas Technology Corp SH7016 Datasheet HTML 155Page - Renesas Technology Corp SH7016 Datasheet HTML 156Page - Renesas Technology Corp SH7016 Datasheet HTML 157Page - Renesas Technology Corp SH7016 Datasheet HTML 158Page - Renesas Technology Corp SH7016 Datasheet HTML 159Page - Renesas Technology Corp SH7016 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 122 of 716
REJ09B0398-0500
8.2.8
Refresh Time Constant Register (RTCOR)
RTCOR is a 16-bit read/write register that establishes the compare match period with RTCNT.
The values of RTCOR and RTCNT are constantly compared. When the values correspond, the
compare match flag of RTCSR is set and RTCNT is cleared to 0.
When the refresh bit (RFSH) of the RTCSR is set to 1 and the RMD bit is 0, a refresh request
signal is produced by this match. The refresh request signal is held until a refresh operation is
performed. If the refresh request is not processed before the next match, the previous request
becomes ineffective.
When the CMIE bit of the RTSCR is set to 1, an interrupt request is sent to the interrupt controller
by this match signal. The interrupt request is output continuously until the CMF bit of the RTSCR
is cleared.
Bits 15 to 8 are reserved and cannot be used in setting the period. They always read 0.
RTCOR is initialized by power-on resets to H'0000, but is not initialized by software standbys.
Bit:
15
14
13
12
11
10
9
8
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com