Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 157Page - Renesas Technology Corp SH7016 Datasheet HTML 158Page - Renesas Technology Corp SH7016 Datasheet HTML 159Page - Renesas Technology Corp SH7016 Datasheet HTML 160Page - Renesas Technology Corp SH7016 Datasheet HTML 161Page - Renesas Technology Corp SH7016 Datasheet HTML 162Page - Renesas Technology Corp SH7016 Datasheet HTML 163Page - Renesas Technology Corp SH7016 Datasheet HTML 164Page - Renesas Technology Corp SH7016 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 127 of 716
REJ09B0398-0500
8.4
DRAM Access
8.4.1
DRAM Direct Connection
When address space A31 to A24 = H'01 has been accessed, the corresponding space becomes a
16-Mbyte DRAM space, and the DRAM interface function can be used to directly connect this
LSI to DRAM.
Row address and column address are always multiplexed for DRAM space. The amount of row
address multiplexing can be selected as from 9 to 12 bits by setting the AMX1 and AMX0 bits of
the DCR.
Table 8.4
AMX Bits and Address Multiplex Output
Row Address
Column Address
AMX1
AMX0
Shift
Amount
Output
Address
Output
Pins
Output
Address
Output
Pins
0
0
9 bits
A21 to A15
A21 to A15
A21 to A0
A21 to A0
A14 to A0
A23 to A9
1
10 bits
A21 to A14
A21 to A14
A21 to A0
A21 to A0
A13 to A0
A23 to A10
1
0
11 bits
A21 to A13
A21 to A13
A21 to A0
A21 to A0
A12 to A0
A23 to A11
1
12 bits
A21 to A12
A21 to A12
A21 to A0
A21 to A0
A11 to A0
A23 to A12
In addition to ordinary read and write accesses, burst mode access using high speed page mode is
supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com