Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 187Page - Renesas Technology Corp SH7016 Datasheet HTML 188Page - Renesas Technology Corp SH7016 Datasheet HTML 189Page - Renesas Technology Corp SH7016 Datasheet HTML 190Page - Renesas Technology Corp SH7016 Datasheet HTML 191Page - Renesas Technology Corp SH7016 Datasheet HTML 192Page - Renesas Technology Corp SH7016 Datasheet HTML 193Page - Renesas Technology Corp SH7016 Datasheet HTML 194Page - Renesas Technology Corp SH7016 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 157 of 716
REJ09B0398-0500
Bit 6
⎯DREQ Select (DS): Sets the sampling method for the DREQ pin in external request mode
to either low-level detection or falling-edge detection. When specifying an on-chip peripheral
module or auto-request as the transfer request source, this bit setting is ignored. The sampling
method is fixed at falling-edge detection in cases other than auto-request.
Bit 6
DS
Description
0
Low-level detection
(initial value)
1
Falling-edge detection
Bit 5
⎯Transfer Mode (TM): Specifies the bus mode for data transfer.
Bit 5
TM
Description
0
Cycle steal mode
(initial value)
1
Burst mode
Bits 4 and 3
⎯Transfer Size 1, 0 (TS1, TS0): Specifies size of data for transfer.
Bit 4
TS1
Bit 3
TS0
Description
0
0
Specifies byte size (8 bits)
(initial value)
1
Specifies word size (16 bits)
1
0
Specifies longword size (32 bits)
1
Prohibited
Bit 2
⎯Interrupt Enable (IE): When this bit is set to 1, interrupt requests are generated after the
number of data transfers specified in the DMATCR (when TE = 1).
Bit 2
IE
Description
0
Interrupt request not generated after DMATCR-specified transfer count
(initial value)
1
Interrupt request enabled on completion of DMATCR specified number
of transfers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com