Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 192Page - Renesas Technology Corp SH7016 Datasheet HTML 193Page - Renesas Technology Corp SH7016 Datasheet HTML 194Page - Renesas Technology Corp SH7016 Datasheet HTML 195Page - Renesas Technology Corp SH7016 Datasheet HTML 196Page - Renesas Technology Corp SH7016 Datasheet HTML 197Page - Renesas Technology Corp SH7016 Datasheet HTML 198Page - Renesas Technology Corp SH7016 Datasheet HTML 199Page - Renesas Technology Corp SH7016 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 162 of 716
REJ09B0398-0500
Figure 9.2 is a flowchart of this procedure.
Normal end
Does
NMIF = 1, AE = 1,
DE = 0, or DME
= 0?
Bus mode,
transfer request mode,
DREQ detection selection
system
Initial settings
(SAR, DAR, DMATCR,
CHCR, DMAOR)
Transfer (1 transfer unit);
DMATCR
− 1 → DMATCR, SAR and DAR
updated
DEI interrupt request (when IE = 1)
No
Yes
No
Yes
No
Yes
Yes
No
Yes
No
*3
*2
Start
Transfer aborted
Notes: 1.
2.
3.
In auto-request mode, transfer begins when NMIF, AE, and TE are all 0,
and the DE and DME bits are set to 1.
DREQ level detection in burst mode (external request) or cycle-steal
mode.
DREQ edge detection in burst mode (external request), or auto-request
mode in burst mode.
DMATCR = 0?
Transfer request
occurs?*1
DE, DME = 1 and
NMIF, AE, TE = 0?
Does
NMIF = 1, AE = 1,
DE = 0, or DME
= 0?
Transfer ends
Figure 9.2 DMAC Transfer Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com