Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 201Page - Renesas Technology Corp SH7016 Datasheet HTML 202Page - Renesas Technology Corp SH7016 Datasheet HTML 203Page - Renesas Technology Corp SH7016 Datasheet HTML 204Page - Renesas Technology Corp SH7016 Datasheet HTML 205Page - Renesas Technology Corp SH7016 Datasheet HTML 206Page - Renesas Technology Corp SH7016 Datasheet HTML 207Page - Renesas Technology Corp SH7016 Datasheet HTML 208Page - Renesas Technology Corp SH7016 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 171 of 716
REJ09B0398-0500
Relationship between Request Modes and Bus Modes by DMA Transfer Category
Table 9.6 shows the relationship between request modes and bus modes by DMA transfer
category.
Table 9.6
Relationship of Request Modes and Bus Modes by DMA Transfer Category
Address
Mode
Transfer Category
Request
Mode
Bus*
5
Mode
Transfer
Size (Bits)
Usable
Channels
Single
External device with DACK and
external memory
External
B/C
8/16/32
0,1
External device with DACK and
memory-mapped external device
External
B/C
8/16/32
0, 1
Dual
External memory and external memory
Any*
1
B/C
8/16/32
0, 1
External memory and memory-mapped
external device
Any*
1
B/C
8/16/32
0, 1
Memory-mapped external device and
memory-mapped external device
Any*
1
B/C
8/16/32
0, 1
External memory and on-chip memory
Any*
1
B/C
8/16/32
0, 1
External memory and on-chip
peripheral module
Any*
2
B/C*
3
8/16/32*
4
0, 1
Memory-mapped external device and
on-chip memory
Any*
1
B/C
8/16/32
0, 1
Memory-mapped external device and
on-chip peripheral module
Any*
2
B/C*
3
8/16/32*
4
0, 1
On-chip memory and on-chip memory
Any*
1
B/C
8/16/32
0, 1
On-chip memory and on-chip
peripheral module
Any*
2
B/C*
3
8/16/32*
4
0, 1*
1
On-chip peripheral module and on-
chip peripheral module
Any*
2
B/C*
3
8/16/32*
4
0, 1
Notes: 1. External request, auto-request or on-chip peripheral module request enabled. However,
in the case of on-chip peripheral module request, it is not possible to specify the SCI or
A/D converter for the transfer request source.
2. External request, auto-request or on-chip peripheral module request possible. However,
if transfer request source is also the SCI or A/D converter, the transfer source or
transfer destination must be the SCI or A/D converter.
3. When the transfer request source is the SCI, only cycle steal mode is possible.
4. Access size permitted by register of on-chip peripheral module that is the transfer
source or transfer destination.
5. B: Burst, C: Cycle steal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com