Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 221Page - Renesas Technology Corp SH7016 Datasheet HTML 222Page - Renesas Technology Corp SH7016 Datasheet HTML 223Page - Renesas Technology Corp SH7016 Datasheet HTML 224Page - Renesas Technology Corp SH7016 Datasheet HTML 225Page - Renesas Technology Corp SH7016 Datasheet HTML 226Page - Renesas Technology Corp SH7016 Datasheet HTML 227Page - Renesas Technology Corp SH7016 Datasheet HTML 228Page - Renesas Technology Corp SH7016 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 191 of 716
REJ09B0398-0500
Section 10 Multifunction Timer Pulse Unit (MTU)
10.1
Overview
The SuperH microcomputer has an on-chip 16-bit multifunction timer pulse unit (MTU) with three
channels of 16-bit timers.
10.1.1
Features
• Can process a maximum of eight different pulse outputs and inputs.
• Has eight timer general registers (TGR): four for channel 0, and two each for channels 1 and 2
that can be set to function independently as output compare or input capture. The channel 0
TGRC and TGRD registers can be used as buffer registers.
• Can select eight counter input clock sources for all channels
• All channels can be set for the following operating modes:
⎯ Compare match waveform output: 0 output/1 output/toggle output selectable.
⎯ Input capture function: Selectable rising edge, falling edge, or both rising and falling edge
detection.
⎯ Counter clearing function: Counters can be cleared by a compare-match or input capture.
⎯ Synchronizing mode: Two or more timer counters (TCNT) can be written to
simultaneously. Two or more timer counters can be simultaneously cleared by a compare-
match or input capture. Counter synchronization functions enable synchronized register
input/output.
⎯ PWM mode: PWM output can be provided with any duty cycle. When combined with the
counter synchronizing function, up to seven-phase PWM output is enabled (with channels
0 to 2 set to PWM mode 2 and channel 0 synchronized with the TGR0A register (channels
0 to 2 phase output: 3, 2, 2)).
• Channels 0 can be set for buffer operation
⎯ Input capture register double buffer configuration possible
⎯ Output compare register automatic re-write possible
• Channels 1, 2 can be independently set to the phase counting mode
⎯ Two-phase encoder pulse up/down count possible
• Cascade connection operation
⎯ Can be operated as a 32-bit counter by using the channel 2 input clock for channel 1
overflow/underflow
• High speed access via internal 16-bit bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com