Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 265Page - Renesas Technology Corp SH7016 Datasheet HTML 266Page - Renesas Technology Corp SH7016 Datasheet HTML 267Page - Renesas Technology Corp SH7016 Datasheet HTML 268Page - Renesas Technology Corp SH7016 Datasheet HTML 269Page - Renesas Technology Corp SH7016 Datasheet HTML 270Page - Renesas Technology Corp SH7016 Datasheet HTML 271Page - Renesas Technology Corp SH7016 Datasheet HTML 272Page - Renesas Technology Corp SH7016 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 235 of 716
REJ09B0398-0500
10.4.4
Buffer Operation
Buffer operation is a function of channels 0, 3, and 4. TGRC and TGRD can be used as buffer
registers. Table 10.5 shows the register combinations for buffer operation.
Table 10.5
Register Combinations
Channel
General Register
Buffer Register
0
TGR0A
TGR0C
TGR0B
TGR0D
The buffer operation differs, depending on whether the TGR has been set as an input capture
register or an output compare register.
When TGR Is an Output Compare Register: When a compare-match occurs, the corresponding
channel buffer register value is transferred to the general register. Figure 10.16 shows an example.
Compare match signal
Buffer
register
TCNT
Comparator
General
register
Figure 10.16 Compare Match Buffer Operation
When TGR Is an Input Capture Register: When an input capture occurs, the timer counter
(TCNT) value is transferred to the general register (TGR), and the value that had been held up to
that time in the TGR is transferred to the buffer register (figure 10.17).
Input capture signal
TCNT
Buffer
register
General
register
Figure 10.17 Input Capture Buffer Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com