Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 299Page - Renesas Technology Corp SH7016 Datasheet HTML 300Page - Renesas Technology Corp SH7016 Datasheet HTML 301Page - Renesas Technology Corp SH7016 Datasheet HTML 302Page - Renesas Technology Corp SH7016 Datasheet HTML 303Page - Renesas Technology Corp SH7016 Datasheet HTML 304Page - Renesas Technology Corp SH7016 Datasheet HTML 305Page - Renesas Technology Corp SH7016 Datasheet HTML 306Page - Renesas Technology Corp SH7016 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 269 of 716
REJ09B0398-0500
10.7.9
Contention between TGR Write and Compare Match
If a compare-match occurs in the T
2 state of the TGR write cycle, data is written to the TGR and a
compare-match signal is issued (figure 10.56).
TGR
Compare
match signal
TCNT
Address
Write signal
φ
T1
T2
TGR write cycle
TGR address
NN + 1
M
N
TGR write data
Figure 10.56 TGR Write and Compare Match Contention
10.7.10
TCNT2 Write and Overflow/Underflow Contention in Cascade Connection
With timer counters TCNT1 and TCNT2 in a cascade connection, when a contention occurs
during TCNT1 count (during a TCNT2 overflow/underflow) in the T
2 state of the TCNT2 write
cycle, the write to TCNT2 is conducted, and the TCNT1 count signal is prohibited. At this point, if
there is match with TGR1A and the TCNT1 value, a compare signal is issued. Furthermore, when
the TCNT1 count clock is selected as the input capture source of channel 0, TGRA0 to TGRD0
carry out the input capture operation. In addition, when the compare match/input capture is
selected as the input capture source of TGRB1, TGRB1 carries out input capture operation. The
timing is shown in figure 10.57.
For cascade connections, be sure to synchronize settings for channels 1 and 2 when setting TCNT
clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com