Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 304Page - Renesas Technology Corp SH7016 Datasheet HTML 305Page - Renesas Technology Corp SH7016 Datasheet HTML 306Page - Renesas Technology Corp SH7016 Datasheet HTML 307Page - Renesas Technology Corp SH7016 Datasheet HTML 308Page - Renesas Technology Corp SH7016 Datasheet HTML 309Page - Renesas Technology Corp SH7016 Datasheet HTML 310Page - Renesas Technology Corp SH7016 Datasheet HTML 311Page - Renesas Technology Corp SH7016 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 274 of 716
REJ09B0398-0500
Table 10.14 Mode Transition Combinations
After
Before
Normal
PWM1
PWM2
PCM
Normal
(1)
(2)
(3)
(4)
PWM1
(5)
(6)
(7)
(8)
PWM2
(9)
(10)
(11)
(12)
PCM
(13)
(14)
(15)
(16)
Legend:
Normal: Normal mode
PWM1: PWM mode 1
PWM2: PWM mode 2
PCM:
Phase counting modes 1 to 4
The above abbreviations are used in some places in following descriptions.
10.8.4
Overview of Initialization Procedures and Mode Transitions in Case of Error
during Operation, etc.
• When making a transition to a mode (Normal, PWM1, PWM2, PCM) in which the pin output
level is selected by the timer I/O control register (TIOR) setting, initialize the pins by means of
a TIOR setting.
• In PWM mode 1, since a waveform is not output to the TIOC*B (TIOC*D) pin, setting TIOR
will not initialize the pins. If initialization is required, carry it out in normal mode, then switch
to PWM mode 1.
• In PWM mode 2, since a waveform is not output to the cycle register pin, setting TIOR will
not initialize the pins. If initialization is required, carry it out in normal mode, then switch to
PWM mode 2.
• In normal mode or PWM mode 2, if TGRC and TGRD operate as buffer registers, setting
TIOR will not initialize the buffer register pins. If initialization is required, clear buffer mode,
carry out initialization, then set buffer mode again.
• In PWM mode 1, if either TGRC or TGRD operates as a buffer register, setting TIOR will not
initialize the TGRC pin. To initialize the TGRC pin, clear buffer mode, carry out initialization,
then set buffer mode again.
Note:
Channel number is substituted for * indicated in this article.
Pin initialization procedures are described below for the numbered combinations in table 10.14.
The active level is assumed to be low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com