Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 365Page - Renesas Technology Corp SH7017 Datasheet HTML 366Page - Renesas Technology Corp SH7017 Datasheet HTML 367Page - Renesas Technology Corp SH7017 Datasheet HTML 368Page - Renesas Technology Corp SH7017 Datasheet HTML 369Page - Renesas Technology Corp SH7017 Datasheet HTML 370Page - Renesas Technology Corp SH7017 Datasheet HTML 371Page - Renesas Technology Corp SH7017 Datasheet HTML 372Page - Renesas Technology Corp SH7017 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 335 of 716
REJ09B0398-0500
When an external clock is input at the SCK pin, it must have a frequency equal to 16 times the
desired bit rate.
When the SCI operates on an internal clock, it can output a clock signal at the SCK pin. The
frequency of this output clock is equal to the bit rate. The phase is aligned as in figure 12.3 so that
the rising edge of the clock occurs at the center of each transmit data bit.
0
D0D1D2D3D4
D5
D6
D7
0/1
1
1
1 frame
Figure 12.3 Output Clock and Communication Data Phase Relationship (Asynchronous
Mode)
Data Transmit/Receive Operations
SCI Initialization (Asynchronous Mode): Before transmitting or receiving, clear the TE and RE
bits to 0 in the serial control register (SCR), then initialize the SCI as follows.
When changing the operation mode or communication format, always clear the TE and RE bits to
0 before following the procedure given below. Clearing TE to 0 sets TDRE to 1 and initializes the
transmit shift register (TSR). Clearing RE to 0, however, does not initialize the RDRF, PER, FER,
and ORER flags and receive data register (RDR), which retain their previous contents.
When an external clock is used, the clock should not be stopped during initialization or subsequent
operation. SCI operation becomes unreliable if the clock is stopped.
Figure 12.4 is a sample flowchart for initializing the SCI. The procedure is as follows (the steps
correspond to the numbers in the flowchart):
1. Select the clock source in the serial control register (SCR). Leave RIE, TIE, TEIE, MPIE, TE
and RE cleared to 0. If clock output is selected in asynchronous mode, clock output starts
immediately after the setting is made to SCR.
2. Select the communication format in the serial mode register (SMR).
3. Write the value corresponding to the bit rate in the bit rate register (BRR) unless an external
clock is used.
4. Wait for at least the interval required to transmit or receive one bit, then set TE or RE in the
serial control register (SCR) to 1. Also set RIE, TIE, TEIE and MPIE as necessary. Setting TE
or RE enables the SCI to use the TxD or RxD pin. The initial states are the marking transmit
state, and the idle receive state (waiting for a start bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com