Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 369Page - Renesas Technology Corp SH7017 Datasheet HTML 370Page - Renesas Technology Corp SH7017 Datasheet HTML 371Page - Renesas Technology Corp SH7017 Datasheet HTML 372Page - Renesas Technology Corp SH7017 Datasheet HTML 373Page - Renesas Technology Corp SH7017 Datasheet HTML 374Page - Renesas Technology Corp SH7017 Datasheet HTML 375Page - Renesas Technology Corp SH7017 Datasheet HTML 376Page - Renesas Technology Corp SH7017 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 339 of 716
REJ09B0398-0500
01
1
1
0/1
0
1
TDRE
TEND
Parity
bit
Parity
bit
Serial
data
Start
bit
Data
Stop
bit
Start
bit
Data
Stop
bit
Idle
(marking
state)
TXI
interrupt
request
TXI interrupt
handler writes
data in TDR
and clears
TDRE to 0
TXI
request
TEI interrupt request
1 frame
D0
D1
D7
D0
D1
D7
0/1
Example: 8-bit data with parity and one stop bit
Figure 12.6 SCI Transmit Operation in Asynchronous Mode
Receiving Serial Data (Asynchronous Mode): Figures 12.7 (1) and (2) show a sample flowchart
for receiving serial data. The procedure is as follows (the steps correspond to the numbers in the
flowchart).
1. SCI initialization: Set the RxD pin using the PFC.
2. Receive error handling and break detection: If a receive error occurs, read the ORER, PER,
and FER bits of the SSR to identify the error. After executing the necessary error handling,
clear ORER, PER, and FER all to 0. Receiving cannot resume if ORER, PER or FER remain
set to 1. When a framing error occurs, the RxD pin can be read to detect the break state.
3. SCI status check and receive-data read: Read the serial status register (SSR), check that RDRF
is set to 1, then read receive data from the receive data register (RDR) and clear RDRF to 0.
The RxI interrupt can also be used to determine if the RDRF bit has changed from 0 to 1.
4. Continue receiving serial data: Read the RDR and RDRF bit and clear RDRF to 0 before the
stop bit of the current frame is received. If the DMAC is started by a receive-data-full interrupt
(RxI) to read RDR, the RDRF bit is cleared automatically so this step is unnecessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com