Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 372Page - Renesas Technology Corp SH7017 Datasheet HTML 373Page - Renesas Technology Corp SH7017 Datasheet HTML 374Page - Renesas Technology Corp SH7017 Datasheet HTML 375Page - Renesas Technology Corp SH7017 Datasheet HTML 376Page - Renesas Technology Corp SH7017 Datasheet HTML 377Page - Renesas Technology Corp SH7017 Datasheet HTML 378Page - Renesas Technology Corp SH7017 Datasheet HTML 379Page - Renesas Technology Corp SH7017 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 342 of 716
REJ09B0398-0500
In receiving, the SCI operates as follows:
1. The SCI monitors the communication line. When it detects a start bit (0), the SCI synchronizes
internally and starts receiving.
2. Receive data is shifted into the RSR in order from the LSB to the MSB.
3. The parity bit and stop bit are received. After receiving these bits, the SCI makes the following
checks:
a. Parity check. The number of 1s in the receive data must match the even or odd parity
setting of the O/E bit in the SMR.
b. Stop bit check. The stop bit value must be 1. If there are two stop bits, only the first stop bit
is checked.
c. Status check. RDRF must be 0 so that receive data can be loaded from the RSR into the
RDR.
If the data passes these checks, the SCI sets RDRF to 1 and stores the received data in the
RDR. If one of the checks fails (receive error), the SCI operates as indicated in table 12.11.
Note:
When a receive error occurs, further receiving is disabled. While receiving, the RDRF
bit is not set to 1, so be sure to clear the error flags.
4. After setting RDRF to 1, if the receive-data-full interrupt enable bit (RIE) is set to 1 in the
SCR, the SCI requests a receive-data-full interrupt (RxI). If one of the error flags (ORER,
PER, or FER) is set to 1 and the receive-data-full interrupt enable bit (RIE) in the SCR is also
set to 1, the SCI requests a receive-error interrupt (ERI).
Figure 12.8 shows an example of SCI receive operation in the asynchronous mode.
Table 12.11 Receive Error Conditions and SCI Operation
Receive Error
Abbreviation
Condition
Data Transfer
Overrun error
ORER
Receiving of next data ends while
RDRF is still set to 1 in SSR
Receive data not loaded
from RSR into RDR
Framing error
FER
Stop bit is 0
Receive data loaded from
RSR into RDR
Parity error
PER
Parity of receive data differs from
even/odd parity setting in SMR
Receive data loaded from
RSR into RDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com