| Electronic Components Datasheet Search |
|
SH7017 Datasheet(PDF) 377 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7017 Datasheet(HTML) 377 Page - Renesas Technology Corp |
|
377 / 754 page ![]() 12. Serial Communication Interface (SCI) Rev.5.00 Sep. 27, 2007 Page 343 of 716 REJ09B0398-0500 TDRF FER Framing error generates ERI interrupt request. 1 frame RXI interrupt handler reads data in RDR and clears RDRF to 0. 01 1 1 0/1 0 1 Parity bit Parity bit Serial data Start bit Data Stop bit Start bit Data Stop bit Idle (marking state) D0 D1 D7 D0 D1 D7 0/1 RXI interrupt request Example: 8-bit data with parity and one stop bit. Figure 12.8 SCI Receive Operation 12.3.3 Multiprocessor Communication The multiprocessor communication function enables several processors to share a single serial communication line for sending and receiving data. The processors communicate in the asynchronous mode using a format with an additional multiprocessor bit (multiprocessor format). In multiprocessor communication, each receiving processor is addressed by a unique ID. A serial communication cycle consists of an ID-sending cycle that identifies the receiving processor, and a data-sending cycle. The multiprocessor bit distinguishes ID-sending cycles from data-sending cycles. The transmitting processor starts by sending the ID of the receiving processor with which it wants to communicate as data with the multiprocessor bit set to 1. Next the transmitting processor sends transmit data with the multiprocessor bit cleared to 0. Receiving processors skip incoming data until they receive data with the multiprocessor bit set to 1. When they receive data with the multiprocessor bit set to 1, receiving processors compare the data with their IDs. The receiving processor with a matching ID continues to receive further incoming data. Processors with IDs not matching the received data skip further incoming data until they again receive data with the multiprocessor bit set to 1. Multiple processors can send and receive data in this way. Figure 12.9 shows the example of communication among processors using the multiprocessor format. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |