Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 186Page - Renesas Technology Corp SH7017 Datasheet HTML 187Page - Renesas Technology Corp SH7017 Datasheet HTML 188Page - Renesas Technology Corp SH7017 Datasheet HTML 189Page - Renesas Technology Corp SH7017 Datasheet HTML 190Page - Renesas Technology Corp SH7017 Datasheet HTML 191Page - Renesas Technology Corp SH7017 Datasheet HTML 192Page - Renesas Technology Corp SH7017 Datasheet HTML 193Page - Renesas Technology Corp SH7017 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 156 of 716
REJ09B0398-0500
Bits 13 and 12
⎯Source Address Mode 1, 0 (SM1 and SM0): These bits specify
increment/decrement of the DMA transfer source address. These bit specifications are ignored
when transferring data from an external device to address space in single address mode.
Bit 13
SM1
Bit 12
SM0
Description
0
0
Source address fixed
(initial value)
1
Source address incremented (+1 during 8-bit transfer, +2
during 16-bit transfer, +4 during 32-bit transfer)
1
0
Source address decremented (
−1 during 8-bit transfer, −2
during 16-bit transfer,
−4 during 32-bit transfer)
1
Setting prohibited
Bits 11 to 8
⎯Resource Select 3 to 0 (RS3 to RS0): These bits specify the transfer request
source.
Bit 11
RS3
Bit 10
RS2
Bit 9
RS1
Bit 8
RS0
Description
0
0
0
0
External request, dual address mode
(initial value)
1
Prohibited
1
0
External request, single address mode. External address
space
→ external device.
1
External request, single address mode. External device
→
external address space.
1
0
0
Auto-request
1
Prohibited
1
0
MTU TGI0A
1
MTU TGI1A
1
0
0
0
MTU TGI2A
1
Prohibited
1
0
Prohibited
1
A/D ADI
1
0
0
SCI0 TXI0
1
SCI0 RXI0
1
0
SCI1 TXI1
1
SCI1 RXI1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com