Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 189Page - Renesas Technology Corp SH7017 Datasheet HTML 190Page - Renesas Technology Corp SH7017 Datasheet HTML 191Page - Renesas Technology Corp SH7017 Datasheet HTML 192Page - Renesas Technology Corp SH7017 Datasheet HTML 193Page - Renesas Technology Corp SH7017 Datasheet HTML 194Page - Renesas Technology Corp SH7017 Datasheet HTML 195Page - Renesas Technology Corp SH7017 Datasheet HTML 196Page - Renesas Technology Corp SH7017 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 159 of 716
REJ09B0398-0500
9.2.5
DMAC Operation Register (DMAOR)
The DMAOR is a 16-bit read/write register that specifies the transfer mode of the DMAC. Bits 15
to 3 of this register always read as 0. The write value should always be 0.
Register values are initialized to 0 during power-on reset or in software standby mode.
Bit:
15
14
13
12
11
10
9
8
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
⎯
⎯
⎯
⎯
⎯
AE
NMIF
DME
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R/(W)*
R/(W)*
R
Note:
*
0 write only is valid after 1 is read.
Bit 2
⎯Address Error Flag (AE): Indicates that an address error has occurred during DMA
transfer. If this bit is set during a data transfer, transfers on all channels are suspended. The CPU
cannot write a 1 to the AE bit. Clearing is effected by 0 write after 1 read.
Bit 2
AE
Description
0
No address error, DMA transfer enabled
(initial value)
Clearing condition: Write AE = 0 after reading AE = 1
1
Address error, DMA transfer disabled
Setting condition: Address error due to DMAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com