Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 193Page - Renesas Technology Corp SH7017 Datasheet HTML 194Page - Renesas Technology Corp SH7017 Datasheet HTML 195Page - Renesas Technology Corp SH7017 Datasheet HTML 196Page - Renesas Technology Corp SH7017 Datasheet HTML 197Page - Renesas Technology Corp SH7017 Datasheet HTML 198Page - Renesas Technology Corp SH7017 Datasheet HTML 199Page - Renesas Technology Corp SH7017 Datasheet HTML 200Page - Renesas Technology Corp SH7017 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 163 of 716
REJ09B0398-0500
9.3.2
DMA Transfer Requests
DMA transfer requests are usually generated in either the data transfer source or destination, but
they can also be generated by devices and on-chip peripheral modules that are neither the source
nor the destination. Transfers can be requested in three modes: auto-request, external request, and
on-chip peripheral module request. The request mode is selected in the RS3 to RS0 bits of the
DMA channel control registers 0, 1 (CHCR0, CHCR1).
Auto-Request Mode: When there is no transfer request signal from an external source, as in a
memory-to-memory transfer or a transfer between memory and an on-chip peripheral module
unable to request a transfer, the auto-request mode allows the DMAC to automatically generate a
transfer request signal internally. When the DE bits of CHCR0, CHCR1 and the DME bit of the
DMAOR are set to 1, the transfer begins (so long as the TE bits of CHCR0, CHCR1 and the
NMIF and AE bits of DMAOR are all 0).
External Request Mode: In this mode a transfer is performed at the request signal (
DREQ) of an
external device. Choose one of the modes shown in table 9.3 according to the application system.
When this mode is selected, if the DMA transfer is enabled (DE = 1, DME = 1, TE = 0, NMIF = 0,
AE = 0), a transfer is performed upon a request at the
DREQ input. Choose to detect DREQ by
either the falling edge or low level of the signal input with the DS bit of CHCR0, CHCR1 (DS = 0
is level detection, DS = 1 is edge detection). The source of the transfer request does not have to be
the data transfer source or destination.
Table 9.3
Selecting External Request Modes with the RS Bits
RS3
RS2
RS1
RS0
Address Mode
Source
Destination
0
0
0
0
Dual address
mode
Any*
Any*
1
0
Single address
mode
External memory or
memory-mapped
external device
External device with
DACK
1
Single address
mode
External device with
DACK
External memory or
memory-mapped
external device
Note:
*
External memory, memory-mapped external device, on-chip memory, on-chip
peripheral module (excluding DMAC, BSC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com