| Electronic Components Datasheet Search |
|
SH7017 Datasheet(PDF) 199 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7017 Datasheet(HTML) 199 Page - Renesas Technology Corp |
|
199 / 754 page ![]() 9. Direct Memory Access Controller (DMAC) Rev.5.00 Sep. 27, 2007 Page 165 of 716 REJ09B0398-0500 When an on-chip peripheral module's interrupt request signal is used as a DMA transfer request signal, interrupts for the CPU are not generated. When a DMA transfer is conducted corresponding with one of the transfer request signals in table 9.4, it is automatically discontinued. In cycle steal mode this occurs in the first transfer, and in burst mode with the last transfer. 9.3.3 Channel Priority When the DMAC receives simultaneous transfer requests on two or more channels, it selects a channel according to a predetermined priority order. The channel priority order is fixed at channel 0 > channel 1. 9.3.4 DMA Transfer Types The DMAC supports the transfers shown in table 9.5. It can operate in the single address mode, in which either the transfer source or destination is accessed using an acknowledge signal, or dual address mode, in which both the transfer source and destination addresses are output. The DMAC has two bus modes: cycle-steal mode and burst mode. Table 9.5 Supported DMA Transfers Destination Source External Device with DACK External Memory Memory- Mapped External Device On-Chip Memory On-Chip Peripheral Module External device with DACK Not available Single Single Not available Not available External memory Single Dual Dual Dual Dual Memory-mapped external device Single Dual Dual Dual Dual On-chip memory Not available Dual Dual Dual Dual On-chip peripheral module Not available Dual Dual Dual Dual Notes: 1. Single: Single address mode 2. Dual: Dual address mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |