Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 321Page - Renesas Technology Corp SH7017 Datasheet HTML 322Page - Renesas Technology Corp SH7017 Datasheet HTML 323Page - Renesas Technology Corp SH7017 Datasheet HTML 324Page - Renesas Technology Corp SH7017 Datasheet HTML 325Page - Renesas Technology Corp SH7017 Datasheet HTML 326Page - Renesas Technology Corp SH7017 Datasheet HTML 327Page - Renesas Technology Corp SH7017 Datasheet HTML 328Page - Renesas Technology Corp SH7017 Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 754 page
background image
11. Watchdog Timer (WDT)
Rev.5.00 Sep. 27, 2007 Page 291 of 716
REJ09B0398-0500
Section 11 Watchdog Timer (WDT)
11.1
Overview
The watchdog timer (WDT) is a 1-channel timer for monitoring system operations. If a system
encounters a problem (crashes, for example) and the timer counter overflows without being
rewritten correctly by the CPU, an overflow signal (
WDTOVF) is output externally. The WDT
can simultaneously generate an internal reset signal for the entire chip.
When the watchdog function is not needed, the WDT can be used as an interval timer. In the
interval timer operation, an interval timer interrupt is generated at each counter overflow. The
WDT is also used in recovering from the standby mode.
11.1.1
Features
The WDT has the following features:
• Works in watchdog timer mode or interval timer mode.
• Outputs WDTOVF in the watchdog timer mode. When the counter overflows in the watchdog
timer mode, overflow signal
WDTOVF is output externally. You can select whether to reset
the chip internally when this happens.
• Generates interrupts in the interval timer mode. When the counter overflows, it generates an
interval timer interrupt.
• Clears standby mode.
• Works with eight counter input clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com