Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 324Page - Renesas Technology Corp SH7017 Datasheet HTML 325Page - Renesas Technology Corp SH7017 Datasheet HTML 326Page - Renesas Technology Corp SH7017 Datasheet HTML 327Page - Renesas Technology Corp SH7017 Datasheet HTML 328Page - Renesas Technology Corp SH7017 Datasheet HTML 329Page - Renesas Technology Corp SH7017 Datasheet HTML 330Page - Renesas Technology Corp SH7017 Datasheet HTML 331Page - Renesas Technology Corp SH7017 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 754 page
background image
11. Watchdog Timer (WDT)
Rev.5.00 Sep. 27, 2007 Page 294 of 716
REJ09B0398-0500
11.2.2
Timer Control/Status Register (TCSR)
Bit:
7
6
5
4
3
2
1
0
OVF
WT/
IT
TME
⎯
⎯
CKS2
CKS1
CKS0
Initial value:
0
0
0
1
1
0
0
0
R/W:
R/(W)
R/W
R/W
R
R
R/W
R/W
R/W
The timer control/status register (TCSR) is an 8-bit read/write register. (The TCSR differs from
other registers in that it is more difficult to write to. See section 11.2.4, Register Access, for
details.) Its functions include selecting the timer mode and clock source.
Bits 7 to 5 are initialized to 000 by a power-on reset or in standby mode. Bits 2 to 0 are initialized
to 000 by a power-on reset, but retain their values in the standby mode.
Bit 7
⎯Overflow Flag (OVF): Indicates that the TCNT has overflowed from H'FF to H'00 in the
interval timer mode. It is not set in the watchdog timer mode.
Bit 7
OVF
Description
0
No overflow of TCNT in interval timer mode
(initial value)
Cleared by reading OVF, then writing 0 in OVF
1
TCNT overflow in the interval timer mode
Bit 6
⎯Timer Mode Select (WT/IT): Selects whether to use the WDT as a watchdog timer or
interval timer. When the TCNT overflows, the WDT either generates an interval timer interrupt
(ITI) or generates a
WDTOVF signal, depending on the mode selected.
Bit 6
WT/
IT
Description
0
Interval timer mode: interval timer interrupt request to the CPU when
TCNT overflows
(initial value)
1
Watchdog timer mode:
WDTOVF signal output externally when TCNT
overflows. (Section 11.2.3, Reset Control/Status Register (RSTCSR),
describes in detail what happens when TCNT overflows in the watchdog
timer mode.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com