Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 326Page - Renesas Technology Corp SH7017 Datasheet HTML 327Page - Renesas Technology Corp SH7017 Datasheet HTML 328Page - Renesas Technology Corp SH7017 Datasheet HTML 329Page - Renesas Technology Corp SH7017 Datasheet HTML 330Page - Renesas Technology Corp SH7017 Datasheet HTML 331Page - Renesas Technology Corp SH7017 Datasheet HTML 332Page - Renesas Technology Corp SH7017 Datasheet HTML 333Page - Renesas Technology Corp SH7017 Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 754 page
background image
11. Watchdog Timer (WDT)
Rev.5.00 Sep. 27, 2007 Page 296 of 716
REJ09B0398-0500
11.2.3
Reset Control/Status Register (RSTCSR)
Bit:
7
6
5
4
3
2
1
0
WOVF
RSTE
⎯
⎯
⎯
⎯
⎯
⎯
Initial value:
0
0
0
1
1
1
1
1
R/W:
R/(W)*
R/W
R
R
R
R
R
R
Note:
*
Only 0 can be written in bit 7 to clear the flag.
The RSTCSR is an 8-bit readable and writable register. (The RSTCSR differs from other registers
in that it is more difficult to write. See section 11.2.4, Register Access, for details.) It controls
output of the internal reset signal generated by timer counter (TCNT) overflow. RSTCR is
initialized to H'1F by input of a reset signal from the
RES pin, but is not initialized by the internal
reset signal generated by the overflow of the WDT. It is initialized to H'1F in standby mode.
Bit 7
⎯Watchdog Timer Overflow Flag (WOVF): Indicates that the TCNT has overflowed
(H'FF to H'00) in the watchdog timer mode. It is not set in the interval timer mode.
Bit 7
WOVF
Description
0
No TCNT overflow in watchdog timer mode
(initial value)
Cleared when software reads WOVF, then writes 0 in WOVF
1
Set by TCNT overflow in watchdog timer mode
Bit 6
⎯Reset Enable (RSTE): Selects whether to reset the chip internally if the TCNT overflows
in the watchdog timer mode.
Bit 6
RSTE
Description
0
Not reset when TCNT overflows
(initial value)
LSI not reset internally, but TCNT and TCSR reset within WDT.
1
Reset when TCNT overflows
Bit 5
⎯Reserved: This bit always read as 0. The write value should always be 0.
Bits 4 to 0
⎯Reserved: These bits always read as 1. The write value should always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com