| Electronic Components Datasheet Search |
|
SH7017 Datasheet(PDF) 334 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7017 Datasheet(HTML) 334 Page - Renesas Technology Corp |
|
334 / 754 page ![]() 11. Watchdog Timer (WDT) Rev.5.00 Sep. 27, 2007 Page 300 of 716 REJ09B0398-0500 11.3.2 Interval Timer Mode To use the WDT as an interval timer, clear WT/ IT to 0 and set TME to 1. An interval timer interrupt (ITI) is generated each time the timer counter overflows. This function can be used to generate interval timer interrupts at regular intervals (figure 11.5). H'FF TCNT value Legend: ITI: Interval timer interrupt request generation H'00 WT/ IT = 0 TME = 1 ITI ITI ITI ITI Time Overflow Overflow Overflow Overflow Figure 11.5 Operation in the Interval Timer Mode 11.3.3 Clearing the Standby Mode The watchdog timer has a special function to clear the standby mode with an NMI interrupt. When using the standby mode, set the WDT as described below. Before Transition to the Standby Mode: The TME bit in the TCSR must be cleared to 0 to stop the watchdog timer counter before it enters the standby mode. The chip cannot enter the standby mode while the TME bit is set to 1. Set bits CKS2 to CKS0 so that the counter overflow interval is equal to or longer than the oscillation settling time. See section 20.3, AC Characteristics, for the oscillation settling time. Recovery from the Standby Mode: When an NMI request signal is received in standby mode, the clock oscillator starts running and the watchdog timer starts incrementing at the rate selected by bits CKS2 to CKS0 before the standby mode was entered. When the TCNT overflows (changes from H'FF to H'00), the clock is presumed to be stable and usable; clock signals are supplied to the entire chip and the standby mode ends. For details on the standby mode, see section 19, Power Down State. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |