| Electronic Components Datasheet Search |
|
SH-2E Datasheet(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH-2E Datasheet(HTML) 45 Page - Renesas Technology Corp |
|
45 / 1042 page ![]() Differences between SH7058 and SH7058S/SH7059 Rev.3.00 Mar. 12, 2008 Page xlv of xc REJ09B0177-0300 SH7058 (Rev.3, REJ09B0046-0300H) SH7058S/SH7059 23.6.1 Hardware Protection 881 Programming and erasing of flash memory is forcibly disabled or suspended by hardware protection. In this state, the downloading of an on-chip program and initialization of the flash memory are possible. 24.6.1 Hardware Protection Description amended Programming and erasing of flash memory is forcibly disabled or suspended by hardware protection. In this state by the FWE pin, the downloading of an on-chip program and initialization of the flash memory are possible. 23.6.3 Error Protection Figure 23.16 Transitions to and from Error Protection State 883, 884 • When the relevant bank area of flash memory is read during programming/erasing (including a vector read or an instruction fetch) • When a SLEEP instruction (including software standby mode) is executed during programming/erasing …Note that the reset signal should only be released after providing a reset input over a period longer than the normal 100 μs. Reset or standby (Hardware protection) Program mode Erase mode Error protection mode Error protection mode (Software standby) Read disabled Programming/erasing enabled FLER=0 Read enabled Programming/erasing disabled FLER=0 Read enabled Programming/erasing disabled FLER=1 Read disabled Programming/erasing disabled FLER=1 RES = 0 or HSTBY = 0 Error occurred Error occurred (Software stan dby) RES =0 or HSTBY =0 Software standby mode Cancel software standby mode RES=0 or HSTBY=0 Programming/erasing interface register is in its initial state. Programming/erasing interface register is in its initial state. 24.6.3 Error Protection Figure 24.16 Transitions to and from Error Protection State Description amended • Flash memory is read during programming/erasing (including a vector read or an instruction fetch) • When a SLEEP instruction is executed during programming/erasing …Note that the reset signal should only be released after providing a reset input over a period longer than the normal 100 μs. Figure amended Reset or standby (Hardware protection) Program mode Erase mode Error protection mode (Software standby) Read disabled Programming/erasing enabled FLER=0 Read enabled Programming/erasing disabled FLER=0 Read enabled Programming/erasing disabled FLER=1 RES = 0 or HSTBY = 0 Error occurred Error occurred (Software stan dby) RE S=0 or HSTB Y=0 Software standby mode RES=0 , HSTBY=0 or software standby mode cancellation Programming/erasing interface register is in its initial state. The power is not supplied in this LSI. Read disabled Programming/erasing disabled FLER=undefined 23.7 Flash Memory Emulation in RAM Figure 23.18 Example of Overlapped RAM Operation 886 EB0 to EB15 H'00000 H'01000 H'02000 H'03000 H'04000 H'05000 H'06000 H'07000 H'08000 … H'FFFFF 24.7 Flash Memory Emulation in RAM Figure 24.18 Example of Overlapped RAM Operation Address amended EB0 to EB15 H'000000 H'001000 H'002000 H'003000 H'004000 H'005000 H'006000 H'007000 H'008000 … H'0FFFFF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |