Electronic Components Datasheet Search
  English  ▼

X  

SH-2E Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # SH-2E
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2E Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button SH-2E Datasheet HTML 89Page - Renesas Technology Corp SH-2E Datasheet HTML 90Page - Renesas Technology Corp SH-2E Datasheet HTML 91Page - Renesas Technology Corp SH-2E Datasheet HTML 92Page - Renesas Technology Corp SH-2E Datasheet HTML 93Page - Renesas Technology Corp SH-2E Datasheet HTML 94Page - Renesas Technology Corp SH-2E Datasheet HTML 95Page - Renesas Technology Corp SH-2E Datasheet HTML 96Page - Renesas Technology Corp SH-2E Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 1042 page
background image
1. Overview
Rev.3.00 Mar. 12, 2008 Page 3 of 948
REJ09B0177-0300
Item
Features
Clock pulse generator
(CPG/PLL)
• On-chip clock pulse generator (maximum operating frequency: 80 MHz)
• Independent generation of CPU system clock and peripheral clock for peripheral modules
• On-chip clock-multiplication PLL circuit (×8)
• Internal clock frequency range: 5 to 10 MHz
Interrupt controller (INTC)
• Nine external interrupt pins (NMI,
IRQ0 to IRQ7)
• 123 internal interrupt sources
(ATU-II
× 75, SCI × 20, DMAC × 4, A/D × 5, WDT × 1, UBC × 1, CMT × 2, HCAN-II × 8, H-
UDI
× 1, SSU* × 6 )
• 16 programmable priority levels
User break controller
(UBC)
• Requests an interrupt when the CPU or DMAC generates a bus cycle with specified
conditions (interrupt can also be masked)
• Trigger pulse output (UBCTRG) on break condition
⎯ Selection of trigger pulse width (φ ×1, ×4, ×8, ×16)
• Simplifies configuration of an on-chip debugger
Bus state controller (BSC)
• Supports external memory access (SRAM and ROM directly connectable)
⎯
8/16-bit bus space
• 3.3 V bus interface
• 16 MB address space divided into four areas, with the following parameters settable for
each area:
⎯ Bus size (8 or 16 bits)
⎯ Number of wait cycles
⎯ Chip select signals (
CS0 to CS3) output for each area
• Wait cycles can be inserted using an external
WAIT signal
• External access in minimum of two cycles
• Provision for idle cycle insertion to prevent bus collisions
Direct memory access
controller (DMAC)
(4 channels)
• DMA transfer possible for the following devices:
⎯ External memory, on-chip memory, on-chip peripheral modules (excluding DMAC, UBC,
BSC)
• DMA transfer requests by on-chip modules
⎯ SCI, A/D converter, ATU-II, HCAN-II, SSU*
• Cycle steal or burst mode transfer
• Dual address mode
⎯ Direct transfer mode
⎯ Indirect transfer mode (channel 3 only)
• Address reload function (channel 2 only)
• Transfer data width: Byte/word/longword
Note:
*
SSU: Synchronous Serial Communication Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com