Electronic Components Datasheet Search
  English  ▼

X  

SH-2E Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # SH-2E
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2E Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button SH-2E Datasheet HTML 15Page - Renesas Technology Corp SH-2E Datasheet HTML 16Page - Renesas Technology Corp SH-2E Datasheet HTML 17Page - Renesas Technology Corp SH-2E Datasheet HTML 18Page - Renesas Technology Corp SH-2E Datasheet HTML 19Page - Renesas Technology Corp SH-2E Datasheet HTML 20Page - Renesas Technology Corp SH-2E Datasheet HTML 21Page - Renesas Technology Corp SH-2E Datasheet HTML 22Page - Renesas Technology Corp SH-2E Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 1042 page
background image
Differences between SH7058 and SH7058S/SH7059
Rev.3.00 Mar. 12, 2008 Page xix of xc
REJ09B0177-0300
SH7058 (Rev.3, REJ09B0046-0300H)
SH7058S/SH7059
11.3.11 Event Count Function and Event Cycle
Measurement
Figure 11.25 Event Cycle Measurement Operation
P
φ
TCNT3
Clock
TCNT3
GR3A
Compare-match
trigger
(from channel 9)
TSR3
IMF3A
0003
567A
567E
567D
567C
567B
567A
5679
5678
0005
0004
0003
0002
0001
0000
Cleared by software
11.3.11 Event Count Function and Event Cycle
Measurement
Figure 11.25 Event Cycle Measurement Operation
Figure amended
P
φ
TCNT3
Clock
TCNT3
GR3A
Compare-match
trigger
(from channel 9)
TSR3
IMF3A
0004
567A
567E
567D
567C
567B
567A
5679
5678
0005
0004
0003
0002
0001
0000
Cleared by software
11.6 Sample Setup Procedures
Figure 11.60 Sample Setup Procedure for PWM Timer
Operation (Channels 6 and 7)
408
2. Set the port B control register L (PBCRL) corresponding
to the waveform output port to ATU PWM output. Also set
the corresponding bit to 1 in the port B IO register (PBIOR)
to specify the output attribute.
11.6 Sample Setup Procedures
Figure 11.60 Sample Setup Procedure for PWM Timer
Operation (Channels 6 and 7)
Description amended
2. Set the port B control register L (PBCRL) corresponding
to the waveform output port to ATU PWM output. .
11.7 Usage Notes
423
External Output Value in Software Standby Mode: In
software standby mode, the ATU register and external
output values are cleared to 0. However, while the channel
1, 2, and 11 TIO1A to TIO1H, TIO2A to TIO2H, TIO11A,
and TIO11B external output values are cleared to 0
immediately after software standby mode is exited, other
external output values and all registers are cleared to 0
immediately after a transition to software standby mode.
Also, when pin output is inverted by the pin function
controller's port B invert register (PBIR) or port K invert
register (PKIR), the corresponding pins are set to 1.
Figure 11.74 External Output Value Transition Points in
Relation to Software Standby Mode
423
11.7 Usage Notes
Title and description amended
External Output Values in Software Standby Mode and
Pin State after Software Standby Mode Release: In
software standby mode, the ATU register and external
output values are initialized. The pin state is high
impedance.
Since the settings of the pin function controller (PFC) are
initialized, the PFC must be set again to use the function of
the ATU-II external pins after software standby release.
Figure 11.74 External Output Value Transition Points in
Relation to Software Standby Mode
Figure deleted
12.1.4 Register Configuration
Table 12.2 Advanced Pulse Controller Register
429
Note: Register access with an internal clock multiplication
ratio of 4 requires four or five internal clock (
φ) cycles.
12.1.4 Register Configuration
Table 12.2 Advanced Pulse Controller Register
Note deleted
12.2.1 Pulse Output Port Control Register (POPCR)
430
POPCR is initialized to H'0000 by a power-on reset and in
hardware standby mode. It is not initialized in software
standby mode.
12.2.1 Pulse Output Port Control Register (POPCR)
Description amended
POPCR is initialized to H'0000 by a power-on reset, in
hardware standby mode and in software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com