Electronic Components Datasheet Search
  English  ▼

X  

SH-2E Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # SH-2E
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2E Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button SH-2E Datasheet HTML 10Page - Renesas Technology Corp SH-2E Datasheet HTML 11Page - Renesas Technology Corp SH-2E Datasheet HTML 12Page - Renesas Technology Corp SH-2E Datasheet HTML 13Page - Renesas Technology Corp SH-2E Datasheet HTML 14Page - Renesas Technology Corp SH-2E Datasheet HTML 15Page - Renesas Technology Corp SH-2E Datasheet HTML 16Page - Renesas Technology Corp SH-2E Datasheet HTML 17Page - Renesas Technology Corp SH-2E Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 1042 page
background image
Differences between SH7058 and SH7058S/SH7059
Rev.3.00 Mar. 12, 2008 Page xiv of xc
REJ09B0177-0300
SH7058 (Rev.3, REJ09B0046-0300H)
SH7058S/SH7059
7.5 Interrupt Response Time
Table 7.5 Interrupt Response Time (Multiplication Ratio of
8)
122
Number of States
Item
Peripheral
Module
NMI
IRQ
Notes
Synchronizing input signal
(synchronized with peripheral
clock P
φ) with internal clock
and DMAC activation
judgment
0 or 6
[0 or 3]
1 to 4
[1 or 2]
6 to 9
[3 to 5]
For the number of states
required for each interrupt,
see the note (*) below.
The values enclosed in [ ]
are values for when the
multiplication ratio is 4.
7.5 Interrupt Response Time
Table 7.5 Interrupt Response Time
Table amended
Number of States
Item
Peripheral Module
NMI
IRQ
Notes
Synchronizing input signal
(synchronized with
peripheral clock P ) with
internal clock
and DMAC
activation judgment
0 or 6
1 to 4
6 to 9
For the number of states
required for each interrupt,
see the note below.
8.2.1 User Break Address Register (UBAR)
128
UBARH and UBARL are initialized to H'0000 by a power-on
reset and in module standby mode. They are not initialized
in software standby mode.
8.2.1 User Break Address Register (UBAR)
Description amended
UBARH and UBARL are initialized to H'0000 by a power-on
reset, in module standby mode, and in software standby
mode.
8.2.2 User Break Address Mask Register (UBAMR)
129
UBAMRH and UBAMRL are initialized to H'0000 by a
power-on reset and in module standby mode. They are not
initialized in software standby mode.
8.2.2 User Break Address Mask Register (UBAMR)
Description amended
UBAMRH and UBAMRL are initialized to H'0000 by a
power-on reset, in module standby mode, and in software
standby mode.
8.2.3 User Break Bus Cycle Register (UBBR)
130
UBBR is initialized to H'0000 by a power on reset and in
module standby mode. It is not initialized in software
standby mode.
8.2.3 User Break Bus Cycle Register (UBBR)
Description amended
UBBR is initialized to H'0000 by a power on reset, in
module standby mode, and in software standby mode.
8.2.4 User Break Control Register (UBCR)
132
UBCR is initialized to H'0000 by a power-on reset and in
module standby mode. It is not initialized in software
standby mode.
Bits 2 and 1—Clock Select 1 and 0 (CKS1, CKS0)
Bits 2 and 1—Clock Select 1 and 0 (CKS1, CKS0): These bits specify the pulse width of the
UBCTRG signal output in the event of a condition match.
Bit 2: CKS1
Bit 1: CKS0
Description
0
0
When the internal clock is four times an input clock,
UBCTRG
pulse width is
φ/2
When the internal clock is eight times an input clock,
UBCTRG
pulse width is
φ/4
(Initial value)
Notes:
φ: Internal clock
See section 8.5.7, Internal Clock (
φ) Multiplication Ratio
and
UBCTRG Pulse Width.
8.2.4 User Break Control Register (UBCR)
Description amended
UBCR is initialized to H'0000 by a power-on reset, in
module standby mode, and in software standby mode.
Bits 2 and 1—Clock Select 1 and 0 (CKS1, CKS0)
Bit 2: CKS1
Bit 1: CKS0
Description
0
0
UBCTRG pulse width is φ/4
(Initial value)
Notes:
φ: Internal clock
8.5.7 Internal Clock (
φ) Multiplication Ratio and
UBCTRG
Pulse Width
140
8.5.7 Internal Clock (
φ) Multiplication Ratio and
UBCTRG
Pulse Width
Deleted
9.1.2 Block Diagram
Figure 9.1 BSC Block Diagram
142
9.1.2 Block Diagram
Figure 9.1 BSC Block Diagram
Bus arbitration control unit added
Bus
arbitration
control unit
BREQ
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com