Electronic Components Datasheet Search
  English  ▼

X  

SH-2E Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # SH-2E
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2E Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button SH-2E Datasheet HTML 29Page - Renesas Technology Corp SH-2E Datasheet HTML 30Page - Renesas Technology Corp SH-2E Datasheet HTML 31Page - Renesas Technology Corp SH-2E Datasheet HTML 32Page - Renesas Technology Corp SH-2E Datasheet HTML 33Page - Renesas Technology Corp SH-2E Datasheet HTML 34Page - Renesas Technology Corp SH-2E Datasheet HTML 35Page - Renesas Technology Corp SH-2E Datasheet HTML 36Page - Renesas Technology Corp SH-2E Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 1042 page
background image
Differences between SH7058 and SH7058S/SH7059
Rev.3.00 Mar. 12, 2008 Page xxxiii of xc
REJ09B0177-0300
SH7058 (Rev.3, REJ09B0046-0300H)
SH7058S/SH7059
21.3.6 Port C IO Register (PCIOR)
757
PCIOR is enabled when port C pins function as general
input/output pins (PC4 to PC0), and disabled otherwise.
When port C pins function as PC4 to PC0, a pin becomes
an output when the corresponding bit in PCIOR is set to 1,
and an input when the bit is cleared to 0.
PCIOR is initialized to H'0000 by a power-on reset
(excluding a WDT power-on reset), and in hardware
standby mode. It is not initialized in software standby mode
or sleep mode.
22.3.6 Port C IO Register (PCIOR)
Description amended
PCIOR is enabled when port C pins function as general
input/output pins (PC4 to PC0 or transmit/receive
input/output for the SSU (SSI1 and SSO1)), and disabled
otherwise.
When port C pins function as PC4 to PC0 or
transmit/receive input/output for the SSU (SSI1 and SSO1),
a pin becomes an output when the corresponding bit in
PCIOR is set to 1, and an input when the bit is cleared to 0.
PCIOR is initialized to H'0000 by a power-on reset
(excluding a WDT power-on reset), in hardware standby
mode, and in software standby mode. It is not initialized in
sleep mode.
21.3.7 Port C Control Register (PCCR)
758
Bit:
7
6
5
4
0
—
PC3MD
—
PC2MD
PC0MD
Initial value:
0
0
0
0
0
R/W:
R
R/W
R
R/W
R/W
PCCR is initialized to H'0000 by a power-on reset
(excluding a WDT power-on reset), and in hardware
standby mode. It is not initialized in software standby mode
or sleep mode.
• Bit 7—Reserved: This bit is always read as 0. The write
value should always be 0.
• Bit 6—PC3 Mode Bit (PC3MD): Selects the function of
pin PC3/RxD2.
Bit 6: PC3MD
Description
0
General input/output (PC3)
(Initial value)
1
Receive data input (RxD2)
• Bit 5—Reserved: This bit is always read as 0. The write
value should always be 0.
• Bit 4—PC2 Mode Bit (PC2MD): Selects the function of
pin PC2/TxD2.
Bit 4: PC2MD
Description
0
General input/output (PC2)
(Initial value)
1
Transmit data output (TxD2)
22.3.7 Port C Control Register (PCCR)
Bit table amended
Bit:
7
6
5
4
0
PC3MD1 PC3MD0 PC2MD1 PC2MD0
PC0MD
Initial value:
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
Description amended
PCCR is initialized to H'0000 by a power-on reset
(excluding a WDT power-on reset), in hardware standby
mode, and software standby mode. It is not initialized in
.
sleep mode.
• Bits 7 and 6—PC3 Mode Bit 1, 0 (PC3MD1, PC3MD0):
Selects the function of pin PC3/RxD2/SSI1.
Bit 7: PC3MD1
Bit 6: PC3MD0
Description
0
0
General input/output (PC3)
(Initial value)
1
Receive data input (RxD2)
1
0
Receive data input (SSI1)
1
Reserved (Do not set)
• Bits 5 and 4—PC2 Mode Bit 1,0 (PC2MD1, PC2MD0):
Selects the function of pin PC2/TxD2/SSO1.
Bit 5: PC2MD1
Bit 4: PC2MD0
Description
0
0
General input/output (PC2)
(Initial value)
1
Transmit data output (TxD2)
1
0
Transmit data output (SSO1)
1
Reserved (Do not set)
21.3.8 Port D IO Register (PDIOR)
759
PDIOR is initialized to H'0000 by a power-on reset
(excluding a WDT power-on reset), and in hardware
standby mode. It is not initialized in software standby mode
or sleep mode.
22.3.8 Port D IO Register (PDIOR)
Description amended
PDIOR is initialized to H'0000 by a power-on reset
(excluding a WDT power-on reset), in hardware standby
mode, and in software standby mode. It is not initialized
.
sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com