Electronic Components Datasheet Search
  English  ▼

X  

SH7049 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7049
Description  Renesas 32-Bit RISC Microcomputer SuperHTMRISC engine Family/SH7000 Series
PDF  764 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7049 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7049 Datasheet HTML 93Page - Renesas Technology Corp SH7049 Datasheet HTML 94Page - Renesas Technology Corp SH7049 Datasheet HTML 95Page - Renesas Technology Corp SH7049 Datasheet HTML 96Page - Renesas Technology Corp SH7049 Datasheet HTML 97Page - Renesas Technology Corp SH7049 Datasheet HTML 98Page - Renesas Technology Corp SH7049 Datasheet HTML 99Page - Renesas Technology Corp SH7049 Datasheet HTML 100Page - Renesas Technology Corp SH7049 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 764 page
background image
Rev. 2.00, 09/04, page 57 of 720
Section 5 Exception Processing
5.1
Overview
5.1.1
Types of Exception Processing and Priority
Exception processing is started by four sources: resets, address errors, interrupts and instructions
and have the priority, as shown in table 5.1. When several exception processing sources occur at
once, they are processed according to the priority.
Table 5.1
Types of Exception Processing and Priority
Exception
Source
Priority
Power-on reset
Reset
Manual reset
CPU address error and AUD address error*
1
Address
error
DTC address error
NMI
User break
H-UDI*
1
IRQ
Interrupt
On-chip peripheral
modules:
• Multifunction timer unit (MTU)
• A/D converter 0 and 1 (A/D0, A/D1)
• Data transfer controller (DTC)
• Compare match timer 0 and 1 (CMT0, CMT1)
• Watchdog timer (WDT)
• Input/output port (I/O) (MTU)
• Serial communication interface 2, 3, and 4 (SCI2,
SCI3, and SCI4)
• Motor management timer (MMT)
• Input/output port (I/O) (MMT)
• Controller area network 2 (HCAN 2)
Trap instruction (TRAPA instruction)
General illegal instructions (undefined code)
High
Instructions
Illegal slot instructions (undefined code placed directly after a delay
branch instruction*
2 or instructions that rewrite the PC*3)
Low
Notes: 1. For flash version only
2. Delayed branch instructions: JMP, JSR, BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF, and
BRAF.
3. Instructions that rewrite the PC: JMP, JSR, BRA, BSR, RTS, RTE, BT, BF, TRAPA,
BF/S, BT/S, BSRF, and BRAF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com