| Electronic Components Datasheet Search |
|
SH7049 Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7049 Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 764 page ![]() Rev. 2.00, 09/04, page xxxii of xl Figure 19.2 Flash Memory State Transitions.............................................................................. 551 Figure 19.3 Boot Mode............................................................................................................... 552 Figure 19.4 User Program Mode ................................................................................................ 553 Figure 19.5 Flash Memory Block Configuration........................................................................ 554 Figure 19.6 Programming/Erasing Flowchart Example in User Program Mode........................ 562 Figure 19.7 Flowchart for Flash Memory Emulation in RAM ................................................... 563 Figure 19.8 Example of RAM Overlap Operation (RAM[2:0] = b'000) .................................... 564 Figure 19.9 Program/Program-Verify Flowchart ....................................................................... 566 Figure 19.10 Erase/Erase-Verify Flowchart ............................................................................... 568 Figure 19.11 Power-On/Off Timing (Boot Mode) ..................................................................... 574 Figure 19.12 Power-On/Off Timing (User Program Mode) ....................................................... 575 Figure 19.13 Mode Transition Timing (Example: Boot Mode → User Mode →User Program Mode) ............................. 576 Section 20 Mask ROM Figure 20.1 Mask ROM Block Diagram .................................................................................... 577 Section 22 High-Performance User Debugging Interface (H-UDI) Figure 22.1 H-UDI Block Diagram ............................................................................................ 582 Figure 22.2 Data Input/Output Timing Chart (1)........................................................................ 588 Figure 22.3 Data Input/Output Timing Chart (2)........................................................................ 589 Figure 22.4 Data Input/Output Timing Chart (3)........................................................................ 589 Figure 22.5 Serial Data Input/Output ......................................................................................... 591 Section 23 Advanced User Debugger (AUD) Figure 23.1 AUD Block Diagram............................................................................................... 594 Figure 23.2 Example of Data Output (32-Bit Output)................................................................ 598 Figure 23.3 Example of Output in Case of Successive Branches ............................................... 598 Figure 23.4 AUDATA Input Format .......................................................................................... 599 Figure 23.5 Example of Read Operation (Byte Read)................................................................ 600 Figure 23.6 Example of Write Operation (Longword Write) ..................................................... 600 Figure 23.7 Example of Error Occurrence (Longword Read) .................................................... 600 Section 24 Power-Down Modes Figure 24.1 Mode Transition Diagram ....................................................................................... 605 Figure 24.2 NMI Timing in Software Standby Mode................................................................. 614 Figure 24.3 Transition Timing to Hardware Standby Mode....................................................... 615 Figure 24.4 Example of External Circuit Connected to HSTBY Pin ......................................... 616 Section 25 Electrical Characteristics Figure 25.1 Output Load Circuit ................................................................................................ 623 Figure 25.2 System Clock Timing.............................................................................................. 625 Figure 25.3 EXTAL Clock Input Timing ................................................................................... 625 Figure 25.4 Oscillation Settling Time.........................................................................................625 Figure 25.5 Reset Input Timing.................................................................................................. 627 Figure 25.6 Reset Input Timing.................................................................................................. 627 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |