Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 378Page - Renesas Technology Corp SH7052 Datasheet HTML 379Page - Renesas Technology Corp SH7052 Datasheet HTML 380Page - Renesas Technology Corp SH7052 Datasheet HTML 381Page - Renesas Technology Corp SH7052 Datasheet HTML 382Page - Renesas Technology Corp SH7052 Datasheet HTML 383Page - Renesas Technology Corp SH7052 Datasheet HTML 384Page - Renesas Technology Corp SH7052 Datasheet HTML 385Page - Renesas Technology Corp SH7052 Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 919 page
background image
356
Multiplied Clock Correction Function: Channel 10’s three 16-bit correction counters
(TCNT10D, TCNT10E, TCNT10F) and correction counter clear register (TCCLR10) have a
correction function that makes the interval between edges input from TI10 the frequency
multiplication value set in TIOR10.
When AGCK is input, the value in TCNT10D multiplied by the multiplication factor set in
TIOR10 is transferred to TCNT10E. At the same time, TCNT10D is incremented.
TCNT10E counts up on AGCK1. TCNT10E loads TCNT10D on AGCK, and counts up again on
AGCK1. Using the counter correction select bit (CCS) in TIOR10, it is possible to select whether
or not TCNT10E is halted when TCNT10D = TCNT10E.
TCNT10F has the peripheral clock (P
φ) as its input and is constantly compared with TCNT10E.
When the TCNT10F value is smaller than that in TCNT10E, TCNT10F is incremented and
outputs a corrected multiplied clock signal (AGCKM).
When the TCNT10E value exceeds the TCNT10F value (when TCNT10E loads TCNT10D), no
count-up operation is performed. AGCKM is output to the channel 1 to 5 free-running counters
(TCNT1 to TCNT5).
Channel 10 also has a correction counter clear register (TCCLR10). The correction counters
(TCNT10D, TCNT10E, TCNT10F) and channel 1 and 2 free-running counters (TCNT1 and
TCNT2) can be cleared when TCNT10F reaches the value set in TCCLR10.
TCNT10D operation is shown in figure 10.32, TCNT10E operation in figure 10.33, TCNT10F
operation (at startup) in figure 10.34, TCNT10F operation (end of cycle, with correction) in figure
10.35, and TCNT10F operation (end of cycle, without correction) in figure 10.36.
Pø
TST10
AGCK
TCNT10D
Clock
Shifter output
TCNT10D
02
01
00
03
0000
Note: In case of multiplication factor of 32
0060
0040
0020
Figure 10.32 TCNT10D Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com