Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 713 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 713 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 709Page - Renesas Technology Corp SH7052 Datasheet HTML 710Page - Renesas Technology Corp SH7052 Datasheet HTML 711Page - Renesas Technology Corp SH7052 Datasheet HTML 712Page - Renesas Technology Corp SH7052 Datasheet HTML 713Page - Renesas Technology Corp SH7052 Datasheet HTML 714Page - Renesas Technology Corp SH7052 Datasheet HTML 715Page - Renesas Technology Corp SH7052 Datasheet HTML 716Page - Renesas Technology Corp SH7052 Datasheet HTML 717Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 713 / 919 page
background image
687
Section 20 ROM (SH7052F/SH7053F)
20.1
Features
The SH7052F/SH7053F has 256 kbytes of on-chip flash memory. The features of the flash
memory are summarized below.
• Four flash memory operating modes
 Program mode
 Erase mode
 Program-verify mode
 Erase-verify mode
• Programming/erase methods
The flash memory is programmed 128 bytes at a time. Block erase (in single-block units) can
be performed. To erase the entire flash memory, individual blocks must be erased in turn.
Block erasing can be performed as required on 4 kB, 32 kB, and 64 kB blocks.
• Programming/erase times
The flash memory programming time is 7 ms (typ.) for simultaneous 128-byte programming,
equivalent to 55 µs (typ.) per byte, and the erase time is 100 ms (typ.) per block.
• Reprogramming capability
The flash memory can be reprogrammed up to 100 times.
• On-board programming modes
There are two modes in which flash memory can be programmed/erased/verified on-board:
 Boot mode
 User program mode
• Automatic bit rate adjustment
With data transfer in boot mode, the SH7052F/SH7053F’s bit rate can be automatically
adjusted to match the transfer bit rate of the host.
• Flash memory emulation in RAM
Flash memory programming can be emulated in real time by overlapping a part of RAM onto
flash memory.
• Protect modes
There are two protect modes, hardware and software, which allow protected status to be
designated for flash memory program/erase/verify operations.
• Programmer mode
Flash memory can be programmed/erased in programmer mode, using a PROM programmer,
as well as in on-board programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com