Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 850 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 850 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 846Page - Renesas Technology Corp SH7052 Datasheet HTML 847Page - Renesas Technology Corp SH7052 Datasheet HTML 848Page - Renesas Technology Corp SH7052 Datasheet HTML 849Page - Renesas Technology Corp SH7052 Datasheet HTML 850Page - Renesas Technology Corp SH7052 Datasheet HTML 851Page - Renesas Technology Corp SH7052 Datasheet HTML 852Page - Renesas Technology Corp SH7052 Datasheet HTML 853Page - Renesas Technology Corp SH7052 Datasheet HTML 854Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 850 / 919 page
background image
824
24.3.3
Control Signal Timing
Table 24.8 shows control signal timing.
Table 24.8
Control Signal Timing
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V ±0.5 V/3.3 V ±0.3 V,
PV
CC2 = 5.0 V ±0.5 V, AVCC = 5.0 V ±0.5 V, AVref = 4.5 V to AVCC,
V
SS = PLLVSS = AVSS = 0 V, Ta = –40°C to 85°C.
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1.
When writing or erasing flash EEPROM, T
a = –40°C to 85°C.
Item
Symbol
Min
Max
Unit
Figures
RES pulse width
t
RESW
20
—
t
cyc
Figure 24.5
RES setup time
t
RESS
24
—
ns
MD2 to MD0 setup time
t
MDS
20
—
t
cyc
NMI setup time
t
NMIS
24
—
ns
Figure 24.6
IRQ3 to IRQ0 setup time*
1 (edge detection)
t
IRQES
24
—
ns
IRQ3 to IRQ0 setup time*
1 (level detection)
t
IRQLS
24
—
ns
NMI hold time
t
NMIH
24
—
ns
IRQ3 to IRQ0 hold time
t
IRQEH
24
—
ns
Bus request setup time
t
BRQS
24
—
ns
Figure 24.7
Bus acknowledge delay time 1
t
BACKD1
—
30
ns
Bus acknowledge delay time 2
t
BACKD2
—
30
ns
Bus three-state delay time
t
BZD
—
30
ns
[Operating precautions]
The operation guaranteed voltage range of power supply PV
CC1 in MCU expansion mode is 3.3 V
±0.3 V. Do not use a voltage outside this range.
*1 The
RES, NMI and IRQ3 to IRQ0 signals are asynchronous inputs, but when the setup times
shown here are provided, the signals are considered to have been changed at clock fall. If the
setup times are not provided, recognition is delayed until the next clock rise or fall.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com