Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 144Page - Renesas Technology Corp SH-2 Datasheet HTML 145Page - Renesas Technology Corp SH-2 Datasheet HTML 146Page - Renesas Technology Corp SH-2 Datasheet HTML 147Page - Renesas Technology Corp SH-2 Datasheet HTML 148Page - Renesas Technology Corp SH-2 Datasheet HTML 149Page - Renesas Technology Corp SH-2 Datasheet HTML 150Page - Renesas Technology Corp SH-2 Datasheet HTML 151Page - Renesas Technology Corp SH-2 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 919 page
background image
122
8.2
Description of Registers
8.2.1
Bus Control Register 1 (BCR1)
Bit:
15
14
13
12
11
10
9
8
———
——
——
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
A3SZ
A2SZ
A1SZ
A0SZ
Initial value:
0
0
0
0
1
1
1
1
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
BCR1 is a 16-bit readable/writable register that specifies the bus size of the CS spaces.
Write bits 15 to 0 of BCR1 during the initialization stage after a power-on reset, and do not
change the values thereafter. In on-chip ROM enabled mode, do not access any of the CS spaces
until after completion of register initialization. In on-chip ROM disabled mode, do not access any
CS space other than CS0 until after completion of register initialization.
BCR1 is initialized to H'000F by a power-on reset and in hardware standby mode. It is not
initialized by a manual reset or in software standby mode.
• Bits 15 to 4—Reserved: These bits always read 0. Operation cannot be guaranteed if 1 is
written to these bits.
• Bit 3—CS3 Space Size Specification (A3SZ): Specifies the CS3 space bus size. A 0 setting
specifies byte (8-bit) size, and a 1 setting specifies word (16-bit) size.
Bit 3: A3SZ
Description
0
Byte (8-bit) size
1
Word (16-bit) size
(Initial value)
• Bit 2—CS2 Space Size Specification (A2SZ): Specifies the CS2 space bus size. A 0 setting
specifies byte (8-bit) size, and a 1 setting specifies word (16-bit) size.
Bit 2: A2SZ
Description
0
Byte (8-bit) size
1
Word (16-bit) size
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com