Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 147Page - Renesas Technology Corp SH-2 Datasheet HTML 148Page - Renesas Technology Corp SH-2 Datasheet HTML 149Page - Renesas Technology Corp SH-2 Datasheet HTML 150Page - Renesas Technology Corp SH-2 Datasheet HTML 151Page - Renesas Technology Corp SH-2 Datasheet HTML 152Page - Renesas Technology Corp SH-2 Datasheet HTML 153Page - Renesas Technology Corp SH-2 Datasheet HTML 154Page - Renesas Technology Corp SH-2 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 919 page
background image
125
CW3 specifies the continuous access idles for CS3 space; CW2 specifies the continuous access
idles for CS2 space; CW1 specifies the continuous access idles for CS1 space and CW0
specifies the continuous access idles for CS0 space.
Bit 7: CW3
Description
0
No CS3 space continuous access idle cycles
1
One CS3 space continuous access idle cycle
(Initial value)
Bit 6: CW2
Description
0
No CS2 space continuous access idle cycles
1
One CS2 space continuous access idle cycle
(Initial value)
Bit 5: CW1
Description
0
No CS1 space continuous access idle cycles
1
One CS1 space continuous access idle cycle
(Initial value)
Bit 4: CW0
Description
0
No CS0 space continuous access idle cycles
1
One CS0 space continuous access idle cycle
(Initial value)
• Bits 3 to 0—CS Assert Extension Specification (SW3, SW2, SW1, SW0): The CS assert cycle
extension specification is for making insertions to prevent extension of the
RD signal, WRH
signal, or
WRL signal assert period beyond the length of the CSn signal assert period.
Extended cycles insert one cycle before and after each bus cycle, which simplifies interfaces
with external devices and also has the effect of extending the write data hold time. Refer to
section 8.3.3,
CS Assert Period Extension, for details.
SW3 specifies the
CS assert extension for CS3 space access; SW2 specifies the CS assert
extension for CS2 space access; SW1 specifies the
CS assert extension for CS1 space access
and SW0 specifies the
CS assert extension for CS0 space access.
Bit 3: SW3
Description
0
No CS3 space
CS assert extension
1
CS3 space
CS assert extension
(Initial value)
Bit 2: SW2
Description
0
No CS2 space
CS assert extension
1
CS2 space
CS assert extension
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com