Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 149Page - Renesas Technology Corp SH-2 Datasheet HTML 150Page - Renesas Technology Corp SH-2 Datasheet HTML 151Page - Renesas Technology Corp SH-2 Datasheet HTML 152Page - Renesas Technology Corp SH-2 Datasheet HTML 153Page - Renesas Technology Corp SH-2 Datasheet HTML 154Page - Renesas Technology Corp SH-2 Datasheet HTML 155Page - Renesas Technology Corp SH-2 Datasheet HTML 156Page - Renesas Technology Corp SH-2 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 919 page
background image
127
• Bits 11 to 8—CS2 Space Wait Specification (W23, W22, W21, W20): These bits specify the
number of waits for CS2 space access.
Bit 11:
W23
Bit 10:
W22
Bit 9:
W21
Bit 8:
W20
Description
0000No wait (external wait input disabled)
00011 wait external wait input enabled
⋅⋅⋅
111115 wait external wait input enabled
(Initial value)
• Bits 7 to 4—CS1 Space Wait Specification (W13, W12, W11, W10): These bits specify the
number of waits for CS1 space access.
Bit 7:
W13
Bit 6:
W12
Bit 5:
W11
Bit 4:
W10
Description
0000No wait (external wait input disabled)
00011 wait external wait input enabled
⋅⋅⋅
111115 wait external wait input enabled
(Initial value)
• Bits 3 to 0—CS0 Space Wait Specification (W03, W02, W01, W00): These bits specify the
number of waits for CS0 space access.
Bit 3:
W03
Bit 2:
W02
Bit 1:
W01
Bit 0:
W00
Description
0000No wait (external wait input disabled)
00011 wait external wait input enabled
⋅⋅⋅
111115 wait external wait input enabled
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com