Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 145Page - Renesas Technology Corp SH-2 Datasheet HTML 146Page - Renesas Technology Corp SH-2 Datasheet HTML 147Page - Renesas Technology Corp SH-2 Datasheet HTML 148Page - Renesas Technology Corp SH-2 Datasheet HTML 149Page - Renesas Technology Corp SH-2 Datasheet HTML 150Page - Renesas Technology Corp SH-2 Datasheet HTML 151Page - Renesas Technology Corp SH-2 Datasheet HTML 152Page - Renesas Technology Corp SH-2 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 919 page
background image
123
• Bit 1—CS1 Space Size Specification (A1SZ): Specifies the CS1 space bus size. A 0 setting
specifies byte (8-bit) size, and a 1 setting specifies word (16-bit) size.
Bit 1: A1SZ
Description
0
Byte (8-bit) size
1
Word (16-bit) size
(Initial value)
• Bit 0—CS0 Space Size Specification (A0SZ): Specifies the CS0 space bus size A 0 setting
specifies byte (8-bit) size, and a 1 setting specifies word (16-bit) size.
Bit 0: A0SZ
Description
0
Byte (8-bit) size
1
Word (16-bit) size
(Initial value)
Note:
A0SZ is valid only in on-chip ROM enabled mode. In on-chip ROM disabled mode, the CS0
space bus size is specified by the mode pin.
8.2.2
Bus Control Register 2 (BCR2)
Bit:
15
14
13
12
11
10
9
8
IW31
IW30
IW21
IW20
IW11
IW10
IW01
IW00
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
CW3
CW2
CW1
CW0
SW3
SW2
SW1
SW0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BCR2 is a 16-bit readable/writable register that specifies the number of idle cycles and
CS signal
assert extension of each CS space.
BCR2 is initialized to H'FFFF by a power-on reset and in hardware standby mode. It is not
initialized by a manual reset or in software standby mode.
• Bits 15 to 8—Idles between Cycles (IW31, IW30, IW21, IW20, IW11, IW10, IW01, IW00):
These bits specify idle cycles inserted between consecutive accesses when the second one is to
a different CS area after a read. Idles are used to prevent data conflict between ROM (and
other memories, which are slow to turn the read data buffer off), fast memories, and I/O
interfaces. Even when access is to the same area, idle cycles must be inserted when a read
access is followed immediately by a write access. The idle cycles to be inserted comply with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com