Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 181Page - Renesas Technology Corp SH-2 Datasheet HTML 182Page - Renesas Technology Corp SH-2 Datasheet HTML 183Page - Renesas Technology Corp SH-2 Datasheet HTML 184Page - Renesas Technology Corp SH-2 Datasheet HTML 185Page - Renesas Technology Corp SH-2 Datasheet HTML 186Page - Renesas Technology Corp SH-2 Datasheet HTML 187Page - Renesas Technology Corp SH-2 Datasheet HTML 188Page - Renesas Technology Corp SH-2 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 919 page
background image
159
Transfer destination
address
Transfer source
address
CK
A21 to A0
CSn
D15 to D0
RD
WRH,
WRL
Figure 9.4 Direct Address Transfer Timing in Dual Address Mode
Indirect Address Transfer Mode: In this mode the memory address storing the data actually to
be transferred is specified in the DMAC internal transfer source address register (SAR3).
Therefore, in indirect address transfer mode, the DMAC internal transfer source address register
value is read first. This value is first stored in the DMAC. Next, the read value is output as the
address, and the value stored at that address is again stored in the DMAC. Finally, the subsequent
read value is written to the address specified by the transfer destination address register, ending
one cycle of DMAC transfer.
In indirect address mode (figure 9.5), the transfer destination, transfer source, and indirect address
storage destination are all 16-bit external memory locations, and transfer in this example is
conducted in 16-bit or 8-bit units. Timing for this transfer example is shown in figure 9.6.
In indirect address mode, one NOP cycle (figure 9.6) is required until the data read as the indirect
address is output to the address bus. When transfer data is 32-bit, the third and fourth bus cycles
each need to be doubled, giving a required total of six bus cycles and one NOP cycle for the whole
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com